Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1046 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1046 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1044Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1045Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1046Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1047Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1048Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1049Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1050Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1046 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1018 of 1270
REJ09B0466-0100
19.4.5
SSU Mode
In SSU mode, data communications are performed via four lines: clock line (SSCK), data input
line (SSI or SSO), data output line (SSI or SSO), and chip select line (
SCS).
In addition, the SSU supports bidirectional mode in which a single pin functions as data input and
data output lines.
(1) Initial Settings in SSU Mode
Figure 19.4 shows an example of the initial settings in SSU mode. Before data transfer, clear both
the TE and RE bits in SSER to 0 to set the initial values.
Note:
Before changing operating modes and communications formats, clear both the TE and RE
bits to 0. Although clearing the TE bit to 0 sets the TDRE bit to 1, clearing the RE bit to 0
does not change the values of the RDRF and ORER bits and SSRDR. Those bits retain the
previous values.
Start setting initial values
[1]
[2]
[3]
[4]
End
Set a bit in ICR to 1
Clear SSUMS in SSCRL to 0 and
specify bits DATS1 and DATS0
Specify MSS, BIDE, SOL, SCKS, CSS1,
and CSS0 bits in SSCRH
Specify MLS, CPOS, CPHS, CKS2,
CKS1, and CKS0 bits in SSMR
Specify SD
OS, SSCKOS, SCSOS,
TENDSTS, SCSATS and SSODTS
bits in SSCR2
Clear TE and RE bits in SSER to 0
[1] When the pin is used as an input.
[2] Specify master/slave mode selection, bidirectional mode enable,
SSO pin output value selection, SSCK pin selection, and
SCS pin
selection.
[3] Selects SSU mode and specify transmit/receive data length.
[4] Specify MSB first/LSB first selection, clock polarity selection,
clock phase selection, and transfer clock rate selection.
[5] Enables/disables interrupt request to the CPU.
Specify TE, RE, TEIE, TIE, RIE,
and CEIE bits in SSER smulataneously
[5]
Figure 19.4 Example of Initial Settings in SSU Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com