Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1051 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1051 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1047Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1048Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1049Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1050Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1051Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1055Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1051 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1023 of 1270
REJ09B0466-0100
(3) Data Reception
Figure 19.7 shows an example of reception operation, and figure 19.8 shows a flowchart example
of data reception. When receiving data, the SSU operates as shown below.
After setting the RE bit to 1 and dummy-reading SSRDR, the SSU starts data reception.
In master mode, the SSU outputs a transfer clock and receives data. In slave mode, when a low
level signal is input to the
SCS pin and a transfer clock is input to the SSCK pin, the SSU receives
data in synchronization with the transfer clock.
When 1-frame data has been received, the RDRF bit in SSSR is set to 1 and the receive data is
stored in SSRDR. At this time, if the RIE bit in SSER is set to 1, an RXI interrupt is generated.
The RDRF bit is automatically cleared to 0 by reading SSRDR.
When the RDRF bit has been set to 1 at the 8th rising edge of the transfer clock, the ORER bit in
SSSR is set to 1. This indicates that an overrun error (OEI) has occurred. At this time, data
reception is stopped. While the ORER bit in SSSR is set to 1, reception is not performed. To
resume the reception, clear the ORER bit to 0.
SCS
SSCK
Bit
0
Bit
0
Bit
1
Bit
1
Bit
2
Bit
2
Bit
3
Bit
3
Bit
4
Bit
4
Bit
5
Bit
5
Bit
6
Bit
6
Bit
7
Bit
7
SSI
RDRF
LSI operation
User operation
REI interrupt
generated
REI interrupt
generated
Dummy-read SSRDR0
Read SSRDR0
1 frame
SSRDR0
(LSB first transmission)
SSRDR0
(MSB first transmission)
1 frame
Figure 19.7 (1) Example of Reception Operation (SSU Mode)
When 8-Bit Data Length is Selected (SSRDR0 is Valid) with CPOS = 0 and CPHS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com