Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1058 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1058 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1062Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1058 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1030 of 1270
REJ09B0466-0100
19.4.7
Clock Synchronous Communication Mode
In clock synchronous communication mode, data communications are performed via three lines:
clock line (SSCK), data input line (SSI), and data output line (SSO).
(1) Initial Settings in Clock Synchronous Communication Mode
Figure 19.12 shows an example of the initial settings in clock synchronous communication mode.
Before data transfer, clear both the TE and RE bits in SSER to 0 to set the initial values.
Note:
Before changing operating modes and communications formats, clear both the TE and RE
bits to 0. Although clearing the TE bit to 0 sets the TDRE bit to 1, clearing the RE bit to 0
does not change the values of the RDRF and ORER bits and SSRDR. Those bits retain the
previous values.
Start setting initial values
[1]
[2]
[3]
[4]
End
Set a bit in ICR to 1
Set SSUMS in SSCRL to 1 and
specify bits DATS1 and DATS0
Specify MSS and SCKS in SSCRH
Specify CPOS, CKS2, CKS1, and
CKS0 bits in SSMR
Specify TE, RE, TEIE, TIE, RIE, and
CEIE bits in SSER simultaneously
Specify SDOS, SSCKOS, SCSOS,
TENDSTS, SCSATS, and
SSODTS bits in SSCR2
Clear TE and RE bits in SSER to 0
[1] When the pin is used as an input.
[2] Specify master/slave mode selection and SSCK pin
selection.
[3] Selects clock synchronous communication mode and
specify transmit/receive data length.
[4] Specify clock polarity selection and transfer clock rate
selection.
[5] Enables/disables interrupt request to the CPU.
[5]
Figure 19.12 Example of Initial Settings in Clock Synchronous Communication Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com