Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1081 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1081 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1077Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1078Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1084Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1085Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1081 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1053 of 1270
REJ09B0466-0100
21.5
Software Commands
The following describes the software commands. A command or data should be read or written in
16-bit units at an even address in the user ROM or data flash area. When a command code is
written, the upper eight bits (D15 to D8) are ignored.
Table 21.5
List of Software Commands
First Bus Cycle
Second Bus Cycle
Third Bus Cycle
Software
Command
Mode Address
Data
(D15 to
D0)
Mode Address
Data
(D15 to
D0)
Mode Address
Data
(D15 to
D0)
Read array
Write
×
H’xxFF
Read status
register
Write
×
H’xx70
Read
×
SRD
Clear status
register
Write
×
H’xx50
Program
Write
WA0
H’xx41
Write
WA0
WD0
Write
WA1
WD1
Block erase
Write
×
H’xx20
Write
BA
H’xxD0
Block blank
check
Write
×
H’Xx25
Write
BA
H’xxD0
[Legend]
SRD:
Status register data (D7 to D0)
WA0:
Address to write the lower word (the address for the first bus cycle must be the same even
address as that for the second bus cycle).
WA1:
Address to write the upper word
WD0:
Lower word of write data (16 bits)
WD1:
Upper word of write data (16 bits)
BA:
Highest address of the block (note that this should be an even address).
×:
A desired even address in program ROM1, program ROM2, or data flash.
xx:
Upper eight bits of command code (ignored)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com