Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1111 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1111 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1107Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1111 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1083 of 1270
REJ09B0466-0100
(9) Programming/Erasing State
A programming selection command makes the boot program select the programming method, an
128-byte programming command makes it program the memory with data, and an erasing
selection command and block erasing command make it erase the block. The
programming/erasing commands are listed below.
Table 21.9
Programming/Erasing Commands
Command
Command Name
Description
H'43
User MAT programming selection
Transfers the user MAT programming program
H'50
128-byte programming
Programs 128 bytes of data
H'48
Erasing selection
Transfers the erasing program
H'58
Block erasing
Erases a block of data
H'52
Memory read
Reads the contents of memory
H'4B
User MAT sum check
Checks the checksum of the user MAT
H'4D
User MAT blank check
Checks whether the contents of the user MAT
are blank
H'4F
Boot program status inquiry
Inquires into the boot program’s status
• Programming
Programming is executed by a programming-selection command and a 128-byte programming
command.
Firstly, the host should send the programming-selection command and select the programming
method and programming MATs. The programming selection command is user MAT
programming selection, regardless of the area and method for programming.
After issuing the programming selection command, the host should send the 128-byte
programming command. The 128-byte programming command that follows the selection
command represents the data programmed according to the method specified by the selection
command. When more than 128-byte data is programmed, 128-byte commands should repeatedly
be executed. Sending a 128-byte programming command with H'FFFFFFFF as the address will
stop the programming. On completion of programming, the boot program will wait for selection of
programming or erasing.
Where the sequence of programming operations that is executed includes programming with
another method or of another MAT, the procedure must be repeated from the programming
selection command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com