Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 147Page - Renesas Technology Corp H8S/2424 Datasheet HTML 148Page - Renesas Technology Corp H8S/2424 Datasheet HTML 149Page - Renesas Technology Corp H8S/2424 Datasheet HTML 150Page - Renesas Technology Corp H8S/2424 Datasheet HTML 151Page - Renesas Technology Corp H8S/2424 Datasheet HTML 152Page - Renesas Technology Corp H8S/2424 Datasheet HTML 153Page - Renesas Technology Corp H8S/2424 Datasheet HTML 154Page - Renesas Technology Corp H8S/2424 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 123 of 1270
REJ09B0466-0100
5.4
Interrupt Sources
5.4.1
External Interrupts
The H8S/2426 Group and H8S/2426R Group each have seventeen external interrupts: NMI and
IRQ15 to IRQ0. The H8S/2424 Group has nine external interrupts: NMI and IRQ7 to IRQ0. These
interrupts can be used to restore the chip from software standby mode.
NMI Interrupt: Nonmaskable interrupt request (NMI) is the highest-priority interrupt, and is
always accepted by the CPU regardless of the interrupt control mode or the status of the CPU
interrupt mask bits. The NMIEG bit in INTCR can be used to select whether an interrupt is
requested at a rising edge or a falling edge on the NMI pin.
IRQn Interrupts (n = 0 to 15 for H8S/2426 Group and H8S/2426R Group, n = 0 to 7 for
H8S/2424 Group): An IRQn interrupt is requested by an input signal at the
IRQn pin. The IRQn
interrupts have the following features:
• Using ISCR, it is possible to select whether an interrupt is generated by a low level, falling
edge, rising edge, or both edges, at the
IRQn pin.
• Enabling or disabling of IRQn interrupt requests can be selected with IER.
• The interrupt priority level can be set with IPR.
• The status of IRQn interrupt requests is indicated in ISR. ISR flags can be cleared to 0 by
software.
When IRQn interrupt requests occur at low level of the
IRQn pin, the corresponding IRQ pin
should be held low until an interrupt handling starts. Then the corresponding
IRQ pin should be
set to high in the interrupt handling routine and clear the IRQnF bit in ISR to 0. Interrupts may not
be executed when the corresponding
IRQ pin is set to high before the interrupt handling starts.
Detection of IRQn interrupts does not depend on whether the relevant pin has been set for input or
output. However, when a pin is used as an external interrupt input pin, do not clear the
corresponding DDR to 0 and use the pin as an I/O pin for another function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com