Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 165Page - Renesas Technology Corp H8S/2424 Datasheet HTML 166Page - Renesas Technology Corp H8S/2424 Datasheet HTML 167Page - Renesas Technology Corp H8S/2424 Datasheet HTML 168Page - Renesas Technology Corp H8S/2424 Datasheet HTML 169Page - Renesas Technology Corp H8S/2424 Datasheet HTML 170Page - Renesas Technology Corp H8S/2424 Datasheet HTML 171Page - Renesas Technology Corp H8S/2424 Datasheet HTML 172Page - Renesas Technology Corp H8S/2424 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 141 of 1270
REJ09B0466-0100
5.7
Usage Notes
5.7.1
Conflict between Interrupt Generation and Disabling
When an interrupt enable bit is cleared to 0 to mask interrupts, the masking becomes effective
after execution of the instruction. When an interrupt enable bit is cleared to 0 by an instruction
such as BCLR or MOV, if an interrupt is generated during execution of the instruction, the
interrupt concerned will still be enabled on completion of the instruction, and so interrupt
exception handling for that interrupt will be executed on completion of the instruction. However,
if there is an interrupt request of higher priority than that interrupt, interrupt exception handling
will be executed for the higher-priority interrupt, and the lower-priority interrupt will be ignored.
The same also applies when an interrupt source flag is cleared to 0. Figure 5.6 shows an example
in which the TCIEV bit in the TPU’s TIER_0 register is cleared to 0. The above conflict will not
occur if an enable bit or interrupt source flag is cleared to 0 while the interrupt is masked.
Internal
address bus
Internal
write signal
φ
TCIEV
TCFV
TCIV
interrupt signal
TIER_0 write cycle by CPU
TCIV exception handling
TIER_0 address
Figure 5.6 Conflict between Interrupt Generation and Disabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com