Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 177Page - Renesas Technology Corp H8S/2424 Datasheet HTML 178Page - Renesas Technology Corp H8S/2424 Datasheet HTML 179Page - Renesas Technology Corp H8S/2424 Datasheet HTML 180Page - Renesas Technology Corp H8S/2424 Datasheet HTML 181Page - Renesas Technology Corp H8S/2424 Datasheet HTML 182Page - Renesas Technology Corp H8S/2424 Datasheet HTML 183Page - Renesas Technology Corp H8S/2424 Datasheet HTML 184Page - Renesas Technology Corp H8S/2424 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 153 of 1270
REJ09B0466-0100
6.3.3
Wait Control Registers AH, AL, BH, and BL (WTCRAH, WTCRAL, WTCRBH,
and WTCRBL)
WTCRA and WTCRB select the number of program wait states for each area in the external
address space.
In addition, CAS latency is set when a synchronous DRAM is connected.
• WTCRAH
Bit
Bit Name
Initial Value
R/W
Description
15
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.
14
13
12
W72
W71
W70
1
1
1
R/W
R/W
R/W
Area 7 Wait Control 2 to 0
These bits select the number of program wait
states when accessing area 7 while AST7 bit in
ASTCR = 1.
000: Program wait not inserted
001: 1 program wait state inserted
010: 2 program wait states inserted
011: 3 program wait states inserted
100: 4 program wait states inserted
101: 5 program wait states inserted
110: 6 program wait states inserted
111: 7 program wait states inserted
11
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com