Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 183Page - Renesas Technology Corp H8S/2424 Datasheet HTML 184Page - Renesas Technology Corp H8S/2424 Datasheet HTML 185Page - Renesas Technology Corp H8S/2424 Datasheet HTML 186Page - Renesas Technology Corp H8S/2424 Datasheet HTML 187Page - Renesas Technology Corp H8S/2424 Datasheet HTML 188Page - Renesas Technology Corp H8S/2424 Datasheet HTML 189Page - Renesas Technology Corp H8S/2424 Datasheet HTML 190Page - Renesas Technology Corp H8S/2424 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 159 of 1270
REJ09B0466-0100
6.3.4
Read Strobe Timing Control Register (RDNCR)
RDNCR selects the read strobe signal (
RD) negation timing in a basic bus interface read access.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
RDN7
RDN6
RDN5
RDN4
RDN3
RDN2
RDN1
RDN0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Strobe Timing Control 7 to 0
These bits set the negation timing of the read
strobe in a corresponding area read access.
As shown in figure 6.2, the read strobe for an area
for which the RDNn bit is set to 1 is negated one
half-state earlier than that for an area for which the
RDNn bit is cleared to 0. The read data setup and
hold time specifications are also one half-state
earlier.
0: In an area n read access, the
RD is negated at
the end of the read cycle
1: In an area n read access, the
RD is negated
one half-state before the end of the read cycle
(n = 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com