Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 205Page - Renesas Technology Corp H8S/2424 Datasheet HTML 206Page - Renesas Technology Corp H8S/2424 Datasheet HTML 207Page - Renesas Technology Corp H8S/2424 Datasheet HTML 208Page - Renesas Technology Corp H8S/2424 Datasheet HTML 209Page - Renesas Technology Corp H8S/2424 Datasheet HTML 210Page - Renesas Technology Corp H8S/2424 Datasheet HTML 211Page - Renesas Technology Corp H8S/2424 Datasheet HTML 212Page - Renesas Technology Corp H8S/2424 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 181 of 1270
REJ09B0466-0100
6.3.12
Refresh Timer Counter (RTCNT)
RTCNT is an 8-bit readable/writable up-counter. RTCNT counts up using the internal clock
selected by bits RTCK2 to RTCK0 in REFCR.
When RTCNT matches RTCOR (compare match), the CMF flag in REFCR is set to 1 and
RTCNT is cleared to H'00. If the RFSHE bit in REFCR is set to 1 at this time, a refresh cycle is
started. If the RFSHE bit is cleared to 0 and the CMIE bit in REFCR is set to 1, a compare match
interrupt (CMI) is generated.
RTCNT is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
6.3.13
Refresh Time Constant Register (RTCOR)
RTCOR is an 8-bit readable/writable register that sets the period for compare match operations
with RTCNT.
The values of RTCOR and RTCNT are constantly compared, and if they match, the CMF flag in
REFCR is set to 1 and RTCNT is cleared to H'00.
RTCOR is initialized to H'FF by a reset and in hardware standby mode. It is not initialized in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com