Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 213Page - Renesas Technology Corp H8S/2424 Datasheet HTML 214Page - Renesas Technology Corp H8S/2424 Datasheet HTML 215Page - Renesas Technology Corp H8S/2424 Datasheet HTML 216Page - Renesas Technology Corp H8S/2424 Datasheet HTML 217Page - Renesas Technology Corp H8S/2424 Datasheet HTML 218Page - Renesas Technology Corp H8S/2424 Datasheet HTML 219Page - Renesas Technology Corp H8S/2424 Datasheet HTML 220Page - Renesas Technology Corp H8S/2424 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 189 of 1270
REJ09B0466-0100
In byte access, whether the upper or lower data bus is used is determined by whether the address is
even or odd. The upper data bus is used for an even address, and the lower data bus for an odd
address.
D15
D8 D7
D0
Upper data bus
Lower data bus
Byte size
Word size
1st bus cycle
2nd bus cycle
Longword
size
• Even address
Byte size
• Odd address
Figure 6.9 Access Sizes and Data Alignment Control (16-Bit Access Space)
6.5.2
Valid Strobes
Table 6.3 shows the data buses used and valid strobes for the access spaces.
In a read, the
RD signal is valid for both the upper and the lower half of the data bus. In a write,
the
HWR signal is valid for the upper half of the data bus, and the LWR signal for the lower half.
Table 6.3
Data Buses Used and Valid Strobes
Area
Access
Size
Read/
Write
Address
Valid
Strobe
Upper Data Bus
(D15 to D8)
Lower Data
Bus (D7 to D0)
Byte
Read
RD
Valid
Invalid
8-bit access
space
Write
HWR
Hi-Z
Byte
Read
Even
RD
Valid
Invalid
16-bit access
space
Odd
Invalid
Valid
Write
Even
HWR
Valid
Hi-Z
Odd
LWR
Hi-Z
Valid
Word
Read
RD
Valid
Valid
Write
HWR, LWR
Valid
Valid
Note:
Hi-Z: High-impedance state
Invalid: Input state; input value is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com