Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 225Page - Renesas Technology Corp H8S/2424 Datasheet HTML 226Page - Renesas Technology Corp H8S/2424 Datasheet HTML 227Page - Renesas Technology Corp H8S/2424 Datasheet HTML 228Page - Renesas Technology Corp H8S/2424 Datasheet HTML 229Page - Renesas Technology Corp H8S/2424 Datasheet HTML 230Page - Renesas Technology Corp H8S/2424 Datasheet HTML 231Page - Renesas Technology Corp H8S/2424 Datasheet HTML 232Page - Renesas Technology Corp H8S/2424 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 201 of 1270
REJ09B0466-0100
6.5.6
Extension of Chip Select (
CS) Assertion Period
Some external I/O devices require a setup time and hold time between address and
CS signals and
strobe signals such as
RD, HWR, and LWR. Settings can be made in the CSACR register to insert
states in which only the
CS, AS, and address signals are asserted before and after a basic bus space
access cycle. Extension of the
CS assertion period can be set for individual areas. With the CS
assertion extension period in write access, the data setup and hold times are less stringent since the
write data is output to the data bus.
Figure 6.20 shows an example of the timing when the
CS assertion period is extended in basic bus
3-state access space.
Th
Address bus
φ
T1
T2
T3
Tt
Bus cycle
Data bus
HWR, LWR
Write
Data bus
RD
CSn
AS
Read
(when
RDNn = 0)
Read data
Write data
Figure 6.20 Example of Timing when Chip Select Assertion Period Is Extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com