Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 230Page - Renesas Technology Corp H8S/2424 Datasheet HTML 231Page - Renesas Technology Corp H8S/2424 Datasheet HTML 232Page - Renesas Technology Corp H8S/2424 Datasheet HTML 233Page - Renesas Technology Corp H8S/2424 Datasheet HTML 234Page - Renesas Technology Corp H8S/2424 Datasheet HTML 235Page - Renesas Technology Corp H8S/2424 Datasheet HTML 236Page - Renesas Technology Corp H8S/2424 Datasheet HTML 237Page - Renesas Technology Corp H8S/2424 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 206 of 1270
REJ09B0466-0100
(3) 16-Bit, 2-State Data Access Space
Figures 6.23 to 6.25 show bus timings for a 16-bit, 2-state data access space. When a 16-bit access
space is accessed, the entire address bus (D15 to D0) is used for all addresses, and the upper half
(D15 to D8) of the data bus is used for even addresses and the lower half (D7 to D0) of the data
bus is used for odd addresses. Wait states cannot be inserted in the data cycle.
CSn
AH
RD
HWR
LWR
D15 to D8
D7 to D0
D15 to D8
D7 to D0
Tma1
Tma2
T1
T2
Address cycle
Data cycle
φ
Address bus
Write
Read
Address
Address
Read
data
Write data
Notes: 1. n = 6, 7
2. When RDNn = 0
Address
Address
Figure 6.23 Bus Timing for 16-Bit, 2-State Data Access Space (Even Address Byte Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com