Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 273Page - Renesas Technology Corp H8S/2424 Datasheet HTML 274Page - Renesas Technology Corp H8S/2424 Datasheet HTML 275Page - Renesas Technology Corp H8S/2424 Datasheet HTML 276Page - Renesas Technology Corp H8S/2424 Datasheet HTML 277Page - Renesas Technology Corp H8S/2424 Datasheet HTML 278Page - Renesas Technology Corp H8S/2424 Datasheet HTML 279Page - Renesas Technology Corp H8S/2424 Datasheet HTML 280Page - Renesas Technology Corp H8S/2424 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 249 of 1270
REJ09B0466-0100
6.8.7
CAS Latency Control
CAS latency is controlled by settings of the W22 to W20 bits of WTCRB. Set the CAS latency
count, as shown in table 6.11, by the setting of synchronous DRAM. Depending on the setting, the
CAS latency control cycle (T
c1) is inserted. WTCRB can be set regardless of the setting of the
AST2 bit of ASTCR. Figure 6.57 shows the CAS latency control timing when synchronous
DRAM of CAS latency 3 is connected.
The initial value of W22 to W20 is H'7. Set the register according to the CAS latency of
synchronous DRAM to be connected.
Table 6.11
Setting CAS Latency
W22
W21
W20
Description
CAS Latency Control
Cycle Inserted
0
0
0
Connect synchronous DRAM of CAS
latency 1
0 state
1
Connect synchronous DRAM of CAS
latency 2
1 state
1
0
Connect synchronous DRAM of CAS
latency 3
2 states
1
Connect synchronous DRAM of CAS
latency 4
3 states
1
0
0
Reserved (must not be used)
1
Reserved (must not be used)
1
0
Reserved (must not be used)
1
Reserved (must not be used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com