Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 331 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 331 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 327Page - ATMEL Corporation ATmega48 Datasheet HTML 328Page - ATMEL Corporation ATmega48 Datasheet HTML 329Page - ATMEL Corporation ATmega48 Datasheet HTML 330Page - ATMEL Corporation ATmega48 Datasheet HTML 331Page - ATMEL Corporation ATmega48 Datasheet HTML 332Page - ATMEL Corporation ATmega48 Datasheet HTML 333Page - ATMEL Corporation ATmega48 Datasheet HTML 334Page - ATMEL Corporation ATmega48 Datasheet HTML 335Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 340 page
background image
331
7530H–AVR–02/09
ATmega48/88/168 Automotive
36. Document Revision History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
36.1
Rev. 7530A-AVR-08/05
36.2
Changes from
Rev. 7530A-AVR-08/05 to Rev. 7530B-AVR-03/06
36.3
Changes from
Rev. 7530B-AVR-03/06 to Rev. 7530C-AVR-09/06
1.
Creation of the Automotive version starting from Industrial version. Temperature and
voltage ranges reflecting Automotive requirements.
2.
EEPROM and FLASH endurance extended to reflect qualification results.
Added Green/ROHS compliance.
3.
Parametric and analog values modified according to characterization results:
Reference input Resistance specification at 22.4, 32, 41.6 KOhm
Tacit typical value indicated at 140nS for 4.5V. Reference to 2.7V removed.
VIL1 Xtal1 limit similar to RESET pin.
VOH for Vcc=3V limit at 0.5V max
VOL for Vcc=3V limit at 2.3V max
Tape & reel + dry-pack delivery notice added.
4.
Internal RC Oscillator typical graphs added.
Internal RC oscillator tolerance at ±10%
Reference input Resistance specification at 32 ±20%
Added Oscillator (Watchdog and RC) typical characteristics curves.
1.
Re-synchronization algorithm detailed.
1.
Correction of package codification and drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com