Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 332 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 332 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 328Page - ATMEL Corporation ATmega48 Datasheet HTML 329Page - ATMEL Corporation ATmega48 Datasheet HTML 330Page - ATMEL Corporation ATmega48 Datasheet HTML 331Page - ATMEL Corporation ATmega48 Datasheet HTML 332Page - ATMEL Corporation ATmega48 Datasheet HTML 333Page - ATMEL Corporation ATmega48 Datasheet HTML 334Page - ATMEL Corporation ATmega48 Datasheet HTML 335Page - ATMEL Corporation ATmega48 Datasheet HTML 336Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 340 page
background image
332
7530H–AVR–02/09
ATmega48/88/168 Automotive
36.4
Changes from
Rev. 7530C-AVR-09/06 to Rev. 7530D-AVR-02/07
36.5
Changes from
Rev. 7530D-AVR-02/07 to Rev. 7530E-AVR-03/07
36.6
Changes from
Rev. 7530E-AVR-03/07 to Rev. 7530F-AVR-09/07
36.7
Changes from
Rev. 7530F-AVR-09/07 to Rev. 7530G-AVR-10/07
36.8
Changes from
Rev. 7530G-AVR-10/07 to Rev. 7530H-AVR-02/09
1.
Clarification of Power On Reset Specifications table, Table on page 43.
2.
Errata list updated.
1.
Modification to POR. Section 8.0.3 on page 42.
2.
D2 / E2 tolerance on Mechanical outline. Section 32.2 on page 327.
1.
Modification to POR. Section on page 43. VPOT value modified.
2.
Errata list numbering scheme modified. Section 33.Section 34.Section 35.
1.
Update to errata section.
1.
Update Section 7.6.1 “Power Reduction Register - PRR” on page 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com