Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1206PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 2 Page - International Rectifier

  IP1206PBF Datasheet HTML 1Page - International Rectifier IP1206PBF Datasheet HTML 2Page - International Rectifier IP1206PBF Datasheet HTML 3Page - International Rectifier IP1206PBF Datasheet HTML 4Page - International Rectifier IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/26/2008
www.irf.com
2
iP1206PbF
Package Pinout Diagram
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND)
•V
IN1, VIN2, VCC, VCL Supply Voltage ...................... -0.3V to 16V
•V
CH
…….……………………….………….……… -0.3V to 30V
•V
SW1,2
……………………………………………… -0.3V to 30V
•FB
1,2
………………………………………………. -0.3V to 3V
•V
P-VREF
…………………………………………… -0.3V to 3V
•ENABLE ……………………………………………. -0.3V to Vcc
•OC
1,2
………….………………………………….. -0.3V to 3V
•SS
1,2
……………………………………………… -0.3V to 3V
•TRACK, SEQ …………………...………………… -0.3V to Vcc
•R
T
…………………………………….…………… -0.3V to 3V
•P
GOOD1, PGOOD2 ………. .………………………..
-0.3V to Vcc
•AGND to PGND …………………………………… +/- 0.3V
•Storage Temperature Range ................................. -65°C To 150°C
•Block Temperature……………………… ................ -20°C To 125°C (Note 4)
•ESD Classification ………………………………..
JEDEC, JESD22-A114 (HBM[1KV], Class 1C)
………………………………..
JEDEC, JESD22-A115 (MM[50V], Class A)
•MSL Rating …………………………………………… 3
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress only rating and operation of the device at these or any other
conditions above those listed in the “Recommended Operating Conditions” section of this
specification is not implied.
CC2
1
SS2
2
VIN2
3
PGND
4
VSW2
5
PGND
6
VCB2
7
OC2
8
VCH
9
VCL
10
OC1
11
VCB1
12
PGND
13
VSW1
14
PGND
15
VIN1
16
SS1
17
CC1
18
FB1
19
FB1S
20
SEQ
21
SYNC
22
PGOOD2
23
VP1
24
VP2
25
VREF
26
PGOOD1
27
VCC
28
VO3
29
TRACK
30
ENABLE
31
NC
32
RT
33
FB2S
34
FB2
35
AGND
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com