Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1206PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 1 Page - International Rectifier

  IP1206PBF Datasheet HTML 1Page - International Rectifier IP1206PBF Datasheet HTML 2Page - International Rectifier IP1206PBF Datasheet HTML 3Page - International Rectifier IP1206PBF Datasheet HTML 4Page - International Rectifier IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
2/26/2008
www.irf.com
1
iP1206PbF
Synchronous Buck
Multiphase Optimized LGA Power Block
Integrated Power Semiconductors, PWM Control, & Passives
Features
•
Input voltage range of 7.5V to 14.5V
•
Output voltage range of 0.8V to 5.5V
•
Output voltage accuracy of +/-1%
•
Output current range of 0A to 30A
•
Operation up to 600kHz
•
Lossless current limit
•
Output overvoltage protection
•
Pre-Bias start-up
•
External synchronization
•
Output voltage tracking
•
Output voltage sequencing
•
Over temperature protection
Description
The iP1206 is a fully optimized solution for medium
current synchronous buck applications. The iP1206
can be configured as a dual output voltage power
supply delivering up to 15A of current per output.
Alternatively, the iP1206 can be configured as a
single output voltage power supply delivering up to
30A of current. In both cases, the power stages are
operated 180º out of phase.
This reduces the
amount of input RMS current and lessens the
quantity of input capacitors needed.
iPOWIR Technology offers designers an innovative
board
space
saving
solution
for
applications
requiring high power densities. iPOWIR technology
eases design for applications where component
integration
offers
benefits
in
performance
and
functionality. iPOWIR technology solutions are also
optimized internally for layout, heat transfer, and
component selection.
Applications
•
Embedded Telecom Systems
•
Distributed Point of Load Power
Architectures
•
Powering Dual Voltage ASICs
•
Microprocessor Power Supplies
•
General DC/DC Converters
Package
Description
Interface
Connection
Parts
Per Bag
Parts
Per
Reel
T & R
Orientation
iP1206PbF
LGA
10
-
Fig. 29
iP1206TRPbF
LGA
-
750
Single Output
Dual Output
Typical Application
PD-60319


Similar Part No. - IP1206PBF

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120 SEME-LAB-IP120 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-05 SEME-LAB-IP120-05 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-05 SEME-LAB-IP120-05 Datasheet
87Kb / 6P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-12 SEME-LAB-IP120-12 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - IP1206PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003 IRF-IP2003 Datasheet
291Kb / 9P
MULTIPHASE OPTIMIZED LGA POWER BLOCK
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP2003APBF IRF-IP2003APBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2001PBF IRF-IP2001PBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2004 IRF-IP2004 Datasheet
415Kb / 15P
SYNCHRONOUS BUCK LGA POWER BLOCK
IP2005APBF IRF-IP2005APBF Datasheet
814Kb / 18P
High Frequency Synchronous Buck Optimized LGA Power Stage
IP2005CTRPBF IRF-IP2005CTRPBF Datasheet
402Kb / 15P
Synchronous Buck Optimized LGA Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com