Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1206PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 3Page - International Rectifier IP1206PBF Datasheet HTML 4Page - International Rectifier IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier IP1206PBF Datasheet HTML 10Page - International Rectifier IP1206PBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
2/26/2008
www.irf.com
7
iP1206PbF
Fig. 2: Simplified block diagram of the iP1206
Block Diagram
Bias
Generator
VSW2
Two Phase
Oscillator
0.8V
3V
Ramp1
Sync
AGnd
VSW1
VIN2
SS1 / SD
CC2
Error Amp2
PWM Comp2
POR
PGood2
25uA
VCB1
Fb1
CC1
Error Amp1
PWM Comp1
Ramp2
64uA
Max
UVLO
VCH1
Fb2
Vcc
Rt
SS2 / SD
VP2
VREF
PGood / OVP
PGood1
FBS1
FBS2
OC2
Thermal
Shutdown
PGND
OC1
25uA
64uA
Hiccup
Control
SS1
SS2
Mode
Regulator
Mode
20uA
20uA
POR
0.8V
PBias1
0.3V
SS1
Q
R
S
SS1
SS2
3uA
3uA
POR
VP1
Tracking
Seq
Track
SS1 / SD
VO3
Enable
OVP1
OVP2
PGND
VIN1
SS2
0.3V
POR
Q
S
R
VCB2
Driver
VCH
VCL
VCH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com