Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1206PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier IP1206PBF Datasheet HTML 10Page - International Rectifier IP1206PBF Datasheet HTML 11Page - International Rectifier IP1206PBF Datasheet HTML 12Page - International Rectifier IP1206PBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
2/26/2008
www.irf.com
9
iP1206PbF
Fig. 4a: Power Loss vs. Input Voltage
Fig. 4b: Power Loss vs. Output Voltage
Fig. 4c: Power Loss vs. Switching Frequency
Fig. 4d: Power Loss vs. Output Inductor
1.00
1.08
1.16
1.24
1.32
1.40
1.48
1.56
1.64
1.72
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Output Inductance (µH)
0.0
2.2
4.4
6.6
8.8
11.0
13.2
15.4
17.6
19.8
VI = 12.0V
VO = 1.5V
IOUT = 30A
FSW = 300KHz
TBLK = 125ºC
65
70
75
80
85
90
95
200
250
300
350
400
450
500
550
600
Switching Frequency (KHz)
TYPICAL OPERATING CHARACTERISTICS
Fig. 5 Maximum Duty Cycle vs. Switching Frequency
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0.8
1.5
2.2
2.9
3.6
4.3
5.0
5.7
Output Voltage (V)
-4.5
-2.3
0.0
2.3
4.5
6.8
9.0
11.3
13.5
VI = 12.0V
IOUT = 30A
FSW = 300KHz
LO = 1µH
TBLK = 125ºC
`
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
200
300
400
500
600
Switching Frequency (kHz)
-4.3
-2.2
0.0
2.2
4.3
6.5
8.7
10.8
VI = 12.0V
VO = 1.5V
IOUT = 30A
LO = 1µH
TBLK = 125ºC
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
7
8
9
101112
1314
15
Input Voltage(V)
-5.6
-2.8
0.0
2.8
5.6
8.4
11.1
13.9
16.7
19.5
VO = 1.5V
IO = 30A
FSW = 300KHz
LO = 1µH
TBLK = 125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com