Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1206PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 3 Page - International Rectifier

  IP1206PBF Datasheet HTML 1Page - International Rectifier IP1206PBF Datasheet HTML 2Page - International Rectifier IP1206PBF Datasheet HTML 3Page - International Rectifier IP1206PBF Datasheet HTML 4Page - International Rectifier IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2/26/2008
www.irf.com
3
iP1206PbF
Recommended Operating Conditions
Electrical Specifications
Unless otherwise specified, these specification apply over Vcc=12V, 0oC<Tj<105oC
Symbol
Definition
Min
Max
Units
VIN1, VIN2
Input Supply Voltage
7.5
14.5
V
VCC
Bias Supply Voltage
7.5
14.5
V
Io
(Note1)
Output current per Phase
0
15
A
Fs
Operating frequency
200
600
kHz
Tj
Junction temperature
-40
125
oC
µA
28
23
18
Sink/Source Current
V
0.25
-
-
Disable Voltage Level
V
IN = ENABLE = 12V
V
-
3.0
-
Voltage Level
Soft Start 1,2
Rising & Falling
mV
-
-
150
Hysteresis
V
1.34
-
1.14
Turn-on Threshold (V
IH)
Enable
TJ = -40C to 125 (Note 2)
V
0.810
0.8
0.784
TJ = 0ºC to 105ºC (Note 2)
V
0.808
0.8
0.792
System Set Point Accuracy
DC Output Regulation
V
IN Rising & Falling
mV
-
-
500
Hysteresis
V
6.75
-
6.1
V
CC Falling
V
7.5
-
6.9
V
CC Rising
Power-On Reset (POR)
V
IN = 12V, ENABLE = 0V
mA
2
0.5
-
VIN Supply Current (Static)
V
IN = 12V, VO1 = V
02 = 1.5V, IO1 = IO2 =
15A, f
SW = 300kHz, TBLK = 25ºC
W
6.5
5
-
Power Loss
Supply Power
Conditions
Units
Max
Typ
Min
PARAMETER
SS=0V ; no switching; V
cc tied to VCL
mA
30
25
-
VCC Supply Current (Static)
SS=0V ; no switching
mA
12
10
-
V
CH
Supply Current (Static)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com