Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3464 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  4 Channel LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3464 Datasheet HTML 1Page - National Semiconductor (TI) LM3464 Datasheet HTML 2Page - National Semiconductor (TI) LM3464 Datasheet HTML 3Page - National Semiconductor (TI) LM3464 Datasheet HTML 4Page - National Semiconductor (TI) LM3464 Datasheet HTML 5Page - National Semiconductor (TI) LM3464 Datasheet HTML 6Page - National Semiconductor (TI) LM3464 Datasheet HTML 7Page - National Semiconductor (TI) LM3464 Datasheet HTML 8Page - National Semiconductor (TI) LM3464 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Connectors and Test Pins
30127102
FIGURE 2. Typical Connection Diagram
Evaluation Board Quick Setup Procedures
Terminal Designation
Description
VIN
Power supply positive (+ve) connection
PGND
Power supply negative (-ve) connection
AGND
LM3464 analog signal ground
LED1
Output Channel 1 (Connect to cathode of LED string 1)
LED2
Output Channel 2 (Connect to cathode of LED string 2)
LED3
Output Channel 3 (Connect to cathode of LED string 3)
LED4
Output Channel 4 (Connect to cathode of LED string 4)
EN
LM3464 enable pin (pull down to disable)
VFB
Connect to voltage feedback node of primary power supply for DHC
FAULTb
Acknowledgement signal for arising of ‘FAULT’
DIM
PWM dimming signal input (TTL signal compatible)
SYNC
Synchronization signal for cascade operation
THM+
Connect to NTC thermal sensor for thermal foldback control
THM-
Connect to NTC thermal sensor for thermal foldback control
VLEDFB
Connected to LM3464 VLedFB pin
OUTP
Connected to LM3464 OutP pin
VCC
LM3464 internal voltage regulator output
VDHC
Connected to LM3464 VDHC pin
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com