Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3464 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  4 Channel LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3464 Datasheet HTML 2Page - National Semiconductor (TI) LM3464 Datasheet HTML 3Page - National Semiconductor (TI) LM3464 Datasheet HTML 4Page - National Semiconductor (TI) LM3464 Datasheet HTML 5Page - National Semiconductor (TI) LM3464 Datasheet HTML 6Page - National Semiconductor (TI) LM3464 Datasheet HTML 7Page - National Semiconductor (TI) LM3464 Datasheet HTML 8Page - National Semiconductor (TI) LM3464 Datasheet HTML 9Page - National Semiconductor (TI) LM3464 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
V
RAIL(peak) is the maximum voltage that VRAIL can reach if the
OutP is accidentally shorted to GND. The V
RAIL(peak) must not
exceed the rated output voltage of the AC/DC converter even
if the OutP pin is shorted to GND (V
OutP = 0V). The level of
V
RAIL(peak) is depends on the value of RCDHC and can be cal-
culated following this equation:
(3)
where
(4)
In this equation, V
REF(AC/DC) is the reference voltage for output
voltage feedback of the AC/DC power supply. R
1 and R2 are
the resistors of the output voltage feedback resistor divider of
the AC/DC power supply. When designing the values of the
RDHC, it is essential to ensure that the V
RAIL(peak) does not
exceed the rated output voltage of the AC/DC power supply,
otherwise the AC/DC power supply could be damaged.
Setting of V
DHC_READY
As V
RAIL reaches VDHC_READY which defines by RFB1 and
RFB2, the voltage at the VLedFB pin of the LM3464 should
equal to 2.5V. As the VLedFB pin voltage reaches 2.5V, the
LM3464 performs a test no long than 400uS to identify the
output channels that are not in use (No LED connected). If the
voltage of any current sensing input pins of the LM3464 (SE1
— SE4) is below 30mV because of open circuit of LED string
(s), that particular output channel will be disabled (latched off)
and taken out from DHC control loop by the LM3464 to allow
the functional LED strings to operate. Similarly, if any drain
voltage of the MOSFETS (DR1 — DRx) is 8.4V exceeding the
drain voltage of any other channel due to short circuit of LEDs,
that particular channel will be disabled to avoid permanent
damage. After the detection is completed, LED strings turn on
and current regulation starts. The level of V
DHC_READY is de-
fined by the values of RFB1 and RFB2 on the evaluation
board and can be adjusted to any level below 80V as desired.
By default, the V
DHC_READY is set at 48V. The VDHC_READY
must set no more than 20V higher than the forward voltages
of any LED string connected to the system under possible
temperatures, otherwise a ‘short fault’ may arise and results
in immediate output channel latch-off to protect the MOSFETs
from over-heat. The V
DHC_READY is can be adjusted according
to the equation (5):
(5)
Adjusting Voltage Headroom
The voltage headroom of the LM3464 evaluation board can
be increased or decreased by adjusting the voltage at the
VDHC pin (V
VDHC) in the range of 0.8V to 2V. In applications
with low rail voltage ripple, the voltage headroom can be de-
creased to reduce power dissipation on the MOSFETs. By
default, the VDHC pin is biased internally to 0.9V as shown
in figure 4.
30127104
FIGURE 4. Adjusting the VDHC Pin Voltage
To adjust V
VDHC on the evaluation board, an additional resis-
tor divider (R
A and RB) can be added across the VDHC test
pad and VCC or AGND terminals on the board. It is recom-
mended that the resistances of R
A and RB are no more than
100k
Ω and 16kΩ respectively to ensure the accuracy of the
headroom voltage under steady state. The V
VDHC is governed
by the following equation:
(6)
where
(7)
Connecting the LED Strings
The LM3464 evaluation board is designed to drive 4 common
anode LEDs strings of 12 serial LEDs per string. The board
includes four turret connectors, LED1, LED2, LED3 and LED4
for cathode connections of the LED strings. The anode of the
LED strings should connect to the positive power output ter-
minal. By default, the output current for every output channel
is set at 350mA. The driving currents can be adjusted by
changing the value of the resistors RISNS1, RISNS2,
RISNS3 and RISNS4 respectively. The LED driving current is
governed by the following equation:
(8)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com