Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3464 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  4 Channel LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3464 Datasheet HTML 3Page - National Semiconductor (TI) LM3464 Datasheet HTML 4Page - National Semiconductor (TI) LM3464 Datasheet HTML 5Page - National Semiconductor (TI) LM3464 Datasheet HTML 6Page - National Semiconductor (TI) LM3464 Datasheet HTML 7Page - National Semiconductor (TI) LM3464 Datasheet HTML 8Page - National Semiconductor (TI) LM3464 Datasheet HTML 9Page - National Semiconductor (TI) LM3464 Datasheet HTML 10Page - National Semiconductor (TI) LM3464 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Adjusting Frequency Response of
the LM3464 Circuit
The frequency response of the LM3464 evaluation board can
be adjusted by changing the value of the capacitor, C
DHC.
Higher capacitance of C
DHC results in slower frequency re-
sponse of the LM3464 driver stage. In order to ensure stable
system operation, it is recommended to set the dominant pole
of the LM3464 one decade lower than the dominant pole of
the AC/DC converter. The default value of the C
DHC on the
evaluation board is 0.22uF. For applications with slow re-
sponse AC/DC power supply (e.g. converters with active
PFC), the CDHC value should be increased to make the fre-
quency response of the board slower than that of the AC/DC
power supply. The cut-off frequency of the LM3464 driver
stage is governed by the following equation:
(9)
Thermal Foldback Control
The LM3464 evaluation board features an interface that en-
ables thermal foldback control by connecting a NTC thermal
sensor to the THM+ and THM- terminals. With the NTC sen-
sor attached to the chassis of the LED arrays, the thermal
foldback control feature reduces the average LED current and
effectively reduces the LED temperature to prevent thermal
breakdown of the LEDs. The thermal foldback control reduces
the LED currents by means of PWM dimming which the dim-
ming frequency is set by the capacitor CTHM following the
equation shows below:
(10)
The default value of the CTHM on the LM3464 evaluation
board is 68nF, which set the thermal foldback dimming fre-
quency at 258Hz.
Thermal foldback control is activated when the voltage at the
Thermal pin, V
Thermalis between 3.25V and 0.4V as shown in
figure 5. Thermal foldback control begins when V
Thermal is be-
low 3.25V. The LED current will be reduced to zero as
V
Thermal falls below 0.4V. The average LED current varies ac-
cording to the Thermal pin voltage following the equation:
(11)
30127113
FIGURE 5. Changes of Average LED Current with
Thermal Foldback Control
Design Example
A NTC thermistor is connected to the THM+ and THM- ter-
minals of the LM3464 evaluation board as shown in figure 6
to activate the thermal foldback control function.
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com