Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3464 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  4 Channel LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3464 Datasheet HTML 1Page - National Semiconductor (TI) LM3464 Datasheet HTML 2Page - National Semiconductor (TI) LM3464 Datasheet HTML 3Page - National Semiconductor (TI) LM3464 Datasheet HTML 4Page - National Semiconductor (TI) LM3464 Datasheet HTML 5Page - National Semiconductor (TI) LM3464 Datasheet HTML 6Page - National Semiconductor (TI) LM3464 Datasheet HTML 7Page - National Semiconductor (TI) LM3464 Datasheet HTML 8Page - National Semiconductor (TI) LM3464 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM3464 4 Channel LED
Driver Evaluation Board
National Semiconductor
Application Note 2071
SH Wong
August 20, 2010
Introduction
The LM3464 is a linear LED driver with Dynamic Headroom
Control (DHC) technology designed to drive four serial high
power / high brightness LED strings. Four individual linear
current regulators with low-side N-channel MOSFETs realize
regulations of LED currents. The DHC optimizes system effi-
ciency automatically while maintaining stable and accurate
LED currents. The LM3464 includes a voltage regulator for
powering the internal circuits that operates over wide input
range of 12V to 80V, eases the design of driver stage for dif-
ferent source voltage. The Thermal foldback feature is de-
signed to prolong the lifetime of the LEDs by reducing the
average LED current for applications with high ambient tem-
perature. The LM3464 features a fault handling circuit that
avoids system failure due to accidentally short or open circuit
of LED strings. Two or more LM3464 can be cascaded to ex-
pand the number of output channels, enabling flexible system
architectural design.
This evaluation board demonstrates the system efficiency
and LED current regulation accuracy of the LM3464 LED
driver typical application circuit as a 50W LED lighting system.
The schematic, bill of material and PCB layout for the evalu-
ation board are provided in this document. The evaluation
board can adapt to different types of primary power supplies
with changes of value of a few components only.
Standard Settings of the Evaluation
Board
• Vin range 12V to 80V
• 48V LED turn ON voltage
• 350mA LED current per channel
• 2kHz thermal foldback dimming frequency
As the LED turn-on voltage of the LM3464 evaluation board
is designed to 48V, it is recommended to set the supply volt-
age to the evaluation board no more than 60V to avoid high
power dissipation on the MOSFETs of the low-side current
regulators upon system startup. For driving different number
of LEDs, the startup voltage will need to be adjusted by
changing the value of the resistors RFB1 and RFB2.
Highlight Features
• Dynamic Headroom Control (DHC)
• Thermal foldback control
• High speed PWM dimming
• Minimum brightness limit for thermal foldback control
• Cascade operation for output channel expansion
• Vin Under-Voltage-Lockout
• Fault protection and indication
• Programmable startup voltage
• Thermal Shutdown
© 2010 National Semiconductor Corporation
301271
www.national.com


Similar Part No. - LM3464

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3464 NSC-LM3464 Datasheet
523Kb / 22P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 NSC-LM3464 Datasheet
2Mb / 12P
DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 30P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 TI2-LM3464 Datasheet
1Mb / 34P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
REVISED MAY 2013
More results

Similar Description - LM3464

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
logo
Texas Instruments
LM3414HV TI1-LM3414HV Datasheet
2Mb / 15P
1A 65V LED Driver Evaluation Board
logo
Microchip Technology
MCP1664 MICROCHIP-MCP1664 Datasheet
783Kb / 28P
MCP1664 LED Driver Evaluation Board
01/27/15
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com