Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3464 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  4 Channel LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3464 Datasheet HTML 4Page - National Semiconductor (TI) LM3464 Datasheet HTML 5Page - National Semiconductor (TI) LM3464 Datasheet HTML 6Page - National Semiconductor (TI) LM3464 Datasheet HTML 7Page - National Semiconductor (TI) LM3464 Datasheet HTML 8Page - National Semiconductor (TI) LM3464 Datasheet HTML 9Page - National Semiconductor (TI) LM3464 Datasheet HTML 10Page - National Semiconductor (TI) LM3464 Datasheet HTML 11Page - National Semiconductor (TI) LM3464 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
30127114
FIGURE 6. Attaching NTC Thermistor to the LEDs
Assuming that thermal foldback control is required to begin at
70°C LED chassis temperature and reduce 55% average LED
current (45% dimming duty cycle) when the chassis temper-
ature reaches 125°C. Using the NTC thermister NXFT15W-
B473FA1B from MURATA, which has 4.704k
Ω resistance at
70°C (R
NTC(70°C)) and 1.436kΩ at 125°C (RNTC(125°C)).
V
Thermal at 125°C (45% dimming duty cycle):
(12)
(13)
(14)
In the above equation, V
Thermal is the voltage at the Thermal
pin and D
THMFB is the dimming duty cycle under thermal fold-
back control. When thermal foldback begins:
(15)
(16)
(17)
When the temperature goes up to 125°C
(18)
By combining the equations (17) and (18), the values of
RTHM1 and RTHM2 can be obtained:
(19)
The default values of RTHM1 and RTHM2 on the LM3464
evaluation board are 4.87k
Ω and 232Ω respectively.
Minimum Dimming Duty Cycle for
Thermal Foldback Control
The minimum dimming duty cycle for thermal foldback control
(D
THMFB_MIN) can be limited by setting the voltage at the DMIN
pin of the LM3464. This limit will override the minimum dim-
ming level defined by RTHM1, RTHM2 and the NTC thermis-
tor. This function is especially useful for the applications that
require to maintain certain brightness level under high oper-
ation temperature. The minimum duty cycle limit is governed
by the following equation:
(20)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com