Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX53CEC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
6
Freescale Semiconductor
Introduction
•
On-chip LDO voltage regulators for PLLs
Security functions are enabled and accelerated by the following hardware:
•
ARM TrustZone including the TZ architecture (separation of interrupts, memory mapping, and so
on)
•
Secure JTAG controller (SJC)—Protecting JTAG from debug port attacks by regulating or blocking
the access to the system debug features
•
Secure real-time clock (SRTC)—Tamper resistant RTC with dedicated power domain and
mechanism to detect voltage and clock glitches
•
Real-time integrity checker, version 3 (RTICv3)—RTIC type1, enhanced with SHA-256 engine
•
SAHARAv4 Lite—Cryptographic accelerator that includes true random number generator
(TRNG)
•
Security controller, version 2 (SCCv2)—Improved SCC with AES engine, secure/non-secure
RAM and support for multiple keys as well as TZ/non-TZ separation
•
Central security unit (CSU)—Enhancement for the IIM (IC Identification Module). CSU is
configured during boot by e-fuses, and determines the security level operation mode as well as the
TrustZone (TZ) policy
•
Advanced High Assurance Boot (A-HAB)—HAB with the following embedded enhancements:
SHA-256, 2048-bit RSA key, version control mechanism, warm boot, CSU, and TZ initialization
NOTE
The actual feature set depends on the part number as described in Table 1.
Functions such as video hardware acceleration with 2D and 3D hardware
graphics acceleration may not be enabled for specific part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com