Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX53CEC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  IMX53CEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 204 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: IMX53CEC
Rev. 2, 5/2011
MCIMX53xD
Package Information
Plastic Package
Case TEPBGA-2 19 x 19 mm, 0.8 mm pitch
Case FC-PBGA PoP 12 x 12 mm
Ordering Information
See Table 1 on page 3
© 2011 Freescale Semiconductor, Inc. All rights reserved.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
1
Introduction
The i.MX53xD multimedia application processor is
Freescale Semiconductor’s latest addition to a growing
family of multimedia-focused products offering high
performance processing optimized for lowest power
consumption.
The i.MX53xD processor features Freescale’s advanced
implementation of the ARM™ core, which operates at
clock speeds as high as 1 GHz and interfaces with
DDR2/LVDDR2-800, LPDDR2-800, or DDR3-800
DRAM memories. This device is suitable for
applications such as the following:
Tablets, high-end mobile internet devices (MID)
Smart mobile devices
Thin clients
Internet monitors, media phones, high-end
portable media players (PMP) with HD video
capability
Gaming consoles
The flexibility of the i.MX53xD architecture allows for
its use in a wide variety of applications. As the heart of
i.MX53xD Applications
Processors for Consumer
Products
1.
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 3
1.2.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2.
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3.
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.1.
Special Signal Considerations . . . . . . . . . . . . . . . 17
4.
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 17
4.1.
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . 17
4.2.
Power Supplies Requirements and Restrictions . 25
4.3.
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 28
4.4.
Output Buffer Impedance Characteristics . . . . . . 35
4.5.
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 39
4.6.
System Modules Timing . . . . . . . . . . . . . . . . . . . . 46
4.7.
External Peripheral Interfaces Parameters . . . . . . 68
4.8.
XTAL Electrical Specifications . . . . . . . . . . . . . . 146
5.
Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . 147
5.1.
Boot Mode Configuration Pins . . . . . . . . . . . . . . 147
5.2.
Boot Devices Interfaces Allocation . . . . . . . . . . . 148
5.3.
Power setup during Boot . . . . . . . . . . . . . . . . . . 149
6.
Package Information and Contact Assignments . . . . . 150
6.1.
19x19 mm Package Information . . . . . . . . . . . . . 150
6.2.
19 x 19 mm, 0.8 Pitch Ball Map . . . . . . . . . . . . . 169
6.3.
PoP 12 x 12 mm Package on Package (PoP)
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 173
7.
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201


Similar Part No. - IMX53CEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
More results

Similar Description - IMX53CEC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
i.MX53xD Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
i.MX50 Applications Processors for Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com