Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC924 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC924
Description  OPIC Photocoupler for IGBT Drive of Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC924 Datasheet(HTML) 1 Page - Sharp Corporation

  PC924 Datasheet HTML 1Page - Sharp Corporation PC924 Datasheet HTML 2Page - Sharp Corporation PC924 Datasheet HTML 3Page - Sharp Corporation PC924 Datasheet HTML 4Page - Sharp Corporation PC924 Datasheet HTML 5Page - Sharp Corporation PC924 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PC924
PC924
s Outline Dimensions
(Unit : mm )
s Features
s Applications
2. High speed response ( tPLH , t PHL : MAX. 2.0
µ s)
3. Wide operating supply voltage range
CM H
CM L
s Absolute Maximum Ratings
Internal connection diagram
Interface
Anode
mark
0.5
θ
PC924
123
4
5
6
7
8
1234
5
6
7
8
Amp.
(Unless specified, Ta = T opr)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
mA
Reverse voltage
V R
V
Output
Supply voltage
V CC
V
O1 output current
IO1
A
IO1P
A
O2 output current
IO2
A
IO2P
A
O1 output voltage
V O1
V
Power dissipation
P O
mW
Total power dissipation
P tot
mW
V iso
Operating temperature
T opr
˚C
Storage temperature
T stg
˚C
T sol
˚C
*1O1 peak output current
*1O2 peak output current
*2 Isolation voltage
*3Soldering temperature
*1 Pulse width<= 0.15
µ s,
Duty ratio : 0.01
1 minute, Ta = 25˚C
*3 For 10 seconds
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
OPIC Photocoupler for IGBT
Drive of Inverter
1. Built-in direct drive circuit for IGBT drive
( IO1P, I O2P : 0.4A)
( VCC : 15 to 30V at Ta = - 10 to 60˚C )
5. High isolation voltage ( Viso
1. IGBT drive for inverter control
1 Anode
2 Cathode
3 NC
4 NC
7 GND
4. High noise resistance type
: 5 000V rms )
25
6
35
0.1
0.4
0.1
0.4
35
500
550
5 000
- 25 to + 80
- 55 to + 125
260
*2 40 to 60% RH, AC for
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC924I/PC924P)
V rms
: MIN. - 1 500V/
µs
: MIN. 1 500V/
µs
5 O 1
6 O 2
8 VCC
θ = 0 to 13 ˚
Tr1
Tr2
2.54 ± 0.25
0.85 ± 0.2
1.2 ± 0.3
9.66 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
gg TÜV ( VDE 0884 ) approved type is also available as an option.


Similar Part No. - PC924

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC924X SHARP-PC924X Datasheet
46Kb / 3P
OPIC Photocoupler for IGBT Drive of Inverter
More results

Similar Description - PC924

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC928 SHARP-PC928 Datasheet
137Kb / 10P
Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC924X SHARP-PC924X Datasheet
46Kb / 3P
OPIC Photocoupler for IGBT Drive of Inverter
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
logo
COSMO Electronics Corp...
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250 COSMO-KTLP250_15 Datasheet
330Kb / 12P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com