Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC924 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC924
Description  OPIC Photocoupler for IGBT Drive of Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC924 Datasheet(HTML) 6 Page - Sharp Corporation

  PC924 Datasheet HTML 1Page - Sharp Corporation PC924 Datasheet HTML 2Page - Sharp Corporation PC924 Datasheet HTML 3Page - Sharp Corporation PC924 Datasheet HTML 4Page - Sharp Corporation PC924 Datasheet HTML 5Page - Sharp Corporation PC924 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PC924
Supply voltage V CC (V)
15
18
21
24
27
30
4
6
8
10
12
14
25˚C
80˚C
Forward current I F ( mA )
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
25˚C
- 25˚C
25˚C
- 25˚C
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0
0.5
1.0
1.5
2.0
2.5
UV
W
Anode
Cathode
VCC
GND
O1
O2
+
+
12V
12V
( + )
( - )
Power supply
Fig.22 Low Level Supply Current vs.
Supply Voltage
Fig.23 Propagation Delay Time vs.
Forward Current
Fig.24 Propagation Delay Time vs.
Ambient Temperature
s Application Circuit (IGBT Drive for Inverter )
TTL, Microcomputer etc.
VCC1 =
VCC2 =
IGBT
Ta = - 25˚C
t PLH
V CC = 24V
RG =47 Ω
CG = 3 000pF
IF = 10mA
V CC = 24V
RG =47 Ω
CG = 3 000pF
Ta = 75˚C
t PHL
t PLH
Ta = 70˚C
t PHL
Please refer to the chapter “Precautions for Use ”
q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com