Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC924 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC924
Description  OPIC Photocoupler for IGBT Drive of Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC924 Datasheet(HTML) 2 Page - Sharp Corporation

  PC924 Datasheet HTML 1Page - Sharp Corporation PC924 Datasheet HTML 2Page - Sharp Corporation PC924 Datasheet HTML 3Page - Sharp Corporation PC924 Datasheet HTML 4Page - Sharp Corporation PC924 Datasheet HTML 5Page - Sharp Corporation PC924 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PC924
s Truth Table
Input
O2 Output
Tr. 1
Tr. 2
ON
High level
ON
OFF
OFF
Low level
OFF
ON
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Fig.
Input
Forward voltage
V F1
-V
-
V F2
Ta = 25˚C, I F = 0.2mA
-
V
-
Reverse current
IR
--
10
µ A-
Terminal capacitance
Ct
Ta = 25˚C, V= 0, f = 1kHz
-
30
250
pF
-
Output
Operating supply voltage
V CC
Ta = - 10 to 60˚C
15
-
30
V
-
15
-
24
V
O1 low level output voltage
V O1L
-
0.2
0.4
V
1
O2 high level output voltage
V O2H
18
21
-
V
2
O2 low level output voltage
V O2L
-
1.2
2.0
V
3
O1 leak current
IO1L
-
-
500
µ A4
O2 leak current
IO2L
-
-
500
µ A5
High level supply current
I CCH
-
6
10
mA
6
-
-
14
mA
Low level supply current
ICCL
Ta = 25˚C, V CC = 24V, I F = 0
-
8
13
mA
V CC = 24V, I F = 0
-
-
17
mA
Transfer
charac-
teristics
I FLH
Ta = 25˚C, V CC = 24V
mA
7
V CC = 24V
-
mA
input current
Isolation resistance
R ISO
5x 1010
1011
--
Ω
t PLH
-
µ s
8
t PHL
-
µ s
Rise time
t r
-
0.2
0.5
µ s
Fall time
tf
-
0.2
0.5
µ s
Instantaneous common mode rejection
Ta = 25˚C, V CM = 600V(peak )
-
-
kV/
µ s
9
Instantaneous common mode rejection
CML
Ta = 25˚C, V CM = 600V(peak )
-
-
kV/
µ s
( Ta = T opr unless otherwise specified )
s Electro-optical Characteristics
“ Low
→High” threshold
Ta = 25˚C, I F = 20mA
Ta = 25˚C, V R =4V
Ta = 25˚C, V CC = 24V, I F = 10mA
V CC = 24V, I F = 10mA
Ta = 25˚C, V CC = 24V, I F = 10mA
0.6
1.0
0.6
1.2
0.9
4.0
1.0
1.0
1.4
7.0
10.0
2.0
2.0
*4 Conditions
“ Low
→High” propagation delay time
“ High
→Low” propagation delay time
CMH
V CC1 = 12V, V CC2 = - 12V
IO1 = 0.1A, I F = 10mA
VCC =VO1 = 24V, I O2 = - 0.1A, I F = 10mA
VCC = 24V, I O2 = 0.1A, I F =0
Ta = 25˚C, V CC =VO1 = 35V, I F =0
Ta = 25˚C, V CC =VO2 = 35V, I F = 10mA
RC =47
Ω, C G = 3,000pF
IF = 10mA, V CC = 24V,
∆ VO2H = 2.0V
IF = 0, V CC = 24V,
∆ VO2L = 2.0V
*4 When measuring output and transfer characteristics, connect a by-pass capacitor ( 0.01
µ F or more ) between
*5 I FLH represents forward current when output goes from “ Low ” to “ High ” .
VCC and GND near the device.
*5
voltage “ Output : Low level ”
voltage “ Output : High level ”
Ta = 25˚C, DC = 500V, 40 to 60% RH
-30
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com