Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC924 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC924
Description  OPIC Photocoupler for IGBT Drive of Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC924 Datasheet(HTML) 3 Page - Sharp Corporation

  PC924 Datasheet HTML 1Page - Sharp Corporation PC924 Datasheet HTML 2Page - Sharp Corporation PC924 Datasheet HTML 3Page - Sharp Corporation PC924 Datasheet HTML 4Page - Sharp Corporation PC924 Datasheet HTML 5Page - Sharp Corporation PC924 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
s Test Circuit
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 6
Fig. 8
Fig. 9
8
5
6
7
V
PC924
PC924
V
7
6
5
8
PC924
A
7
6
5
8
8
5
6
7
V
PC924
PC924
V
7
6
5
8
SW
B
A
PC924
7
6
5
8
8
5
6
7
A
PC924
8
5
6
7
A
PC924
PC924
V
7
6
5
8
GND
GND
IF
VO1L
IO1
VCC1
VCC2
IF
IO2
VO2H
VCC
VCC
VCC
ICC
IF
IF
VCC
CG
RG
VOUT
VIN
Duty ratio 50 %
VIN wave form
VOUT wave form
tPLH
tPHL
50 %
90 %
50 %
10 %
tr
tf
IF
IF
VO2L
IO2L
VCC
VCC
IF
VCC
VCC
VO2
+-
VCM
VCM
(Peak)
VCM wave form
CMH, VO2 wave form
VO2H
∆VO2H
∆VO2L
VO2L
SW at B, I F = 0mA
CML, VO2 wave form
Fig. 5
Fig. 7
IO2L
PC924
1
2
1
2
1
2
1
2
Variable
1
2
SW at A, I F = 10mA
1
2
1
2
1
2
1
2
t = t = 0.01
µ s
Pulse width 5
µ s
rf
IO1L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com