Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC924 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC924
Description  OPIC Photocoupler for IGBT Drive of Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC924 Datasheet(HTML) 5 Page - Sharp Corporation

  PC924 Datasheet HTML 1Page - Sharp Corporation PC924 Datasheet HTML 2Page - Sharp Corporation PC924 Datasheet HTML 3Page - Sharp Corporation PC924 Datasheet HTML 4Page - Sharp Corporation PC924 Datasheet HTML 5Page - Sharp Corporation PC924 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PC924
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
= 0.1A
Supply voltage V CC (V)
15
18
21
24
27
30
12
15
18
21
24
27
30
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
18
19
20
21
22
23
24
- 0.1A
0.01
0.02
0.05
0.1
0.2
0.5
0.05
0.1
0.2
0.5
2
1
4
1
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
1.0
1.1
1.2
1.3
1.4
1.5
Supply voltage V CC (V)
15
18
21
24
27
30
2
4
6
8
10
12
25˚C
80˚C
Ambient Temperature
vs. Supply Voltage
Ambient Temperature
Ambient Temperature
Fig.21 High Level Supply Current vs.
Supply Voltage
O 2 Output Current
Fig.19 O 2 Low Level Output Voltage vs.
Fig.16 O1 Low Level Output Voltage vs.
Fig.17 O 2 High Level Output Voltage
Fig.18 O2 High Level Output Voltage vs.
Fig.20 O2 Low Level Output Voltage vs.
O 2 output current I O2 (A)
= 12V
= - 12V
= 10mA
V CC1
V CC2
I F
IO1
VCC = 24V
IF = 10mA
IO2 Nearly = 0A
V CC = 24V
IF =0
IO2 = 0.1A
Ta = - 25˚C
V CC =6V
Ta = 25˚C
Ta = 25˚C
IF = 10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com