Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC928 Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation PC928 Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Fig. 17 Overcurrent Detecting Voltage vs.
Ambient Temperature
14
12
10
8
6
4
15
18
21
24
27
30
IF = 10mA
25˚C
15
18
21
24
27
30
25˚C
16
14
12
10
8
6
3.5
3
2.5
2
1.5
1
0.5
0
0
5
10
15
20
25
Ta = 25˚C
VCC = 24V
RG =47Ω
- 25
0
25
50
75
100
0.5
1
1.5
2
2.5
RG =47Ω
IF = 10mA
- 25
0
25
50
75
100
RG =47Ω
IF = 10mA
30
25
15
10
5
0
- 25
0
25
50
75
100
0
10
8
6
4
2
t pcoHL
t pcotf
PC928
Ta = - 25˚C
Ta = - 25˚C
80˚C
80˚C
Fig. 15 Propagation Delay Time vs.
Forward Current
Supply voltage V
(V)
CC
Supply voltage V
(V)
CC
IF = 0mA
Forward current IF (mA)
Ambient temperature Ta (˚C )
Fig. 16 Propagation Delay Time vs.
Ambient Temperature
20
Ambient temperature Ta (˚C )
Fig. 13 High Level Supply Current vs.
Supply Voltage
Fig. 14 Low Level Supply Current vs.
Supply Voltage
Ambient temperature Ta (˚C )
VCC = 24V
VCC = 24V
0
CG = 3 000pF
CG = 3 000pF
tPLH
tPHL
tPLH
tPHL
CG = 3 000pF
VCC = 24V
IF = 10mA
RG =47 Ω
CG = 3 000pF
RC =1k Ω
CP = 1 000pF
Fig. 18 O2 Output Fall Time at Protection from Overcurrent/O2 "H-L"
Delay Time at Protection from Overcurrent vs. Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com