Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC928 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 1 Page - Sharp Corporation

  PC928 Datasheet HTML 1Page - Sharp Corporation PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Outline Dimensions
(Unit : mm)
(Ta=Topr unless otherwise specified)
Operation truth table is shown on the next page.
PC928
PC928
PC928
1234567
8
9
10
11
12
13
14
9.22
7.62
1.0
1.0
10.0
Amp.
IGBT protector
circuit
Interface
8
9
10
11
12
13
14
1234
5
6
7
Internal connection diagram
1
Anode
2
Anode
4NC
5NC
6NC
7NC
8FS
9C
10
GND
11
O2
12
O1
13
VCC
14
GND
Terminals 4 to 7 :
Shortcircuit in element
3
Cathode
Shortcircuit Protector Circuit
Built-in OPIC Photocoupler Suitable
for Inverter-Driving IGBT
Absolute Maximum Ratings
Rating
Input
*1 Forward current
IF
25
mA
Reverse voltage
VR
V
Output
Supply voltage
VCC
35
V
0.1
A
*4
IO1P
0.4
A
0.1
A
*4
0.4
A
35
V
*2 Power dissipation
PO
500
mW
Overcurrent detecting voltage
VC
VCC
V
Overcurrent detecting current
IC
30
mA
Error signal output voltage
VFS
VCC
V
Error signal output current
IFS
20
mA
*3 Total power dissipation
Ptot
550
mW
*5 Isolation voltage
Viso
Vrms
Operating temperature
Topr
- 25 to + 80
˚C
Storage temperature
Tstg
- 55 to + 125
˚C
Soldering temperature
Tsol
260 (for 10 sec)
˚C
Primary
side mark
IO1
IO2
IO2P
4 000
1. IGBT control for inverter drive
Symbol
Unit
Parameter
1. Built-in IGBT shortcircuit protector circuit
2. Built-in direct drive circuit for IGBT drive
(Peak output current ... I
, I
: MAX. 0.4A)
O1P
O2P
3. High isolation voltage (V
: 4 000V
)
iso
rms
5. Recognized by UL, file NO. E64380
4. Half lead pin pitch (p=1.27 mm) package type
Application
VO1
O1 output current
O1 output voltage
O2 output current
O2 peak output current
O1 peak output current
6 (Ta = 25˚C)
14 - 0.6
12 - 1.27
*4
Pulse width<=0.15
µs, Duty ratio=0.01
*5
40 to 60% RH, AC for 1 minute, Ta=25˚C
*1, 2, 3 Decrease in the ambient temperature range of the Absolute Max. Rating : Shown in Figs. 1 and 2.
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and signal processing
circuit integrated onto a single chip.
s
s
s
s
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
g TÜV ( VDE 0884 ) approved type is also available as an option.


Similar Part No. - PC928

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
HIGH POWER OPIC PHOTOCOUPLER
PC922 SHARP-PC922 Datasheet
86Kb / 6P
High Power OPIC Photocoupler
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC928

ManufacturerPart #DatasheetDescription
logo
NEC
PS9634 NEC-PS9634 Datasheet
123Kb / 12P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC906 SHARP-PC906 Datasheet
83Kb / 7P
DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
PC924 SHARP-PC924 Datasheet
85Kb / 6P
OPIC Photocoupler for IGBT Drive of Inverter
PC929 SHARP-PC929 Datasheet
95Kb / 6P
Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
logo
Powerex Power Semicondu...
M57962K POWEREX-M57962K Datasheet
356Kb / 6P
Hybrid Integrated Circuit For Driving IGBT Modules
logo
Sharp Corporation
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC924X SHARP-PC924X Datasheet
46Kb / 3P
OPIC Photocoupler for IGBT Drive of Inverter
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com