Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC928 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation PC928 Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Fig. 1 Forward Current vs. Ambient
Temperature
60
50
40
30
20
10
0
0
25
50
75 80
100
125
-25
0
0
25
50
75 80
100
125
-25
600
500
400
300
200
100
550
500
200
100
50
20
10
5
2
1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.6
1.4
1.2
1
0.6
15
18
21
24
27
30
0.8
Value of V
=24V assumes 1.
CC
Ta = 25˚C
1
0.8
0.9
1.1
1.2
1.3
- 25
0
25
50
75
100
I
at Ta=25˚C
= 1
FLH
1
0.1
0.01
0.001
0.01
0.1
1
Ta = 25˚C
VCC1 = 12V
VCC2 = 12V
IF = 10mA
Fig. 3 Forward Current vs. Forward Voltage
PC928
Ta = 75˚C
50˚C
25˚C
0˚C
- 20˚C
Ambient temperature Ta(˚C)
Fig. 2 Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta(˚C)
Forward voltage V (V)
F
Supply voltage V
(V)
CC
Fig. 6 O1 Low Level Output Voltage vs.
O1 Output Current
Ambient temperature Ta (˚C)
VCC = 24V
Total power dissipation
Output side power dissipation
O1 output current IO1 (A)
Fig. 5 "L-H" Relative Threshold Input Current
vs. Ambient Temperature
Fig. 4 "L-H" Relative Threshold Input
Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com