Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC928 Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation PC928 Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Fig. 21 Low Level Error Signal Voltage vs.
Ambient Temperature
Fig. 19 Error Signal "H-L" Delay Time vs.
Ambient Temperature
- 25
0
25
50
75
100
0
1.5
1.2
0.9
0.6
0.3
VCC = 24V
IF = 10mA
RFS = 1.8k Ω
RG =47 Ω
RC =1k Ω
- 25
0
25
50
75
100
0
VCC = 24V
IF = 10mA
RC =1k Ω
2
1.6
1.2
0.8
0.4
- 25
0
25
50
75
100
0
VCC = 24V
IF = 10mA
0.1
0.2
0.3
0.4
0.5
IFS = 10mA
RG =47Ω
C = OPEN
- 25
0
25
50
75
100
10 -6
10 -7
10 -8
10 -9
VCC = 24V
IF = 10mA
RG =47Ω
- 25
0
25
50
75
100
0
VCC = 24V
IF = 10mA
RFS = 1.8k Ω
RG =47Ω
PC928
50
40
30
20
10
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Fig. 23 Error Signal Output Pulse Width vs.
Ambient Temperature
Ambient temperature Ta (˚C)
Fig. 20 O2 Output Voltage at Protection from
Overcurrent vs. Ambient Temperature
VFS = 24V
VC =0V
CG = 3 000pF
CP = 1 000pF
RG =47 Ω
CG = 3 000pF
CP = 1 000pF
CG = 3 000pF
CG = 3 000pF
CP = 1 000pF
RC =1k Ω
CG = 3 000pF
Fig. 22 High Level Error Signal Current vs.
Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com