Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC928 Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation PC928 Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0
5
10
15
20
25
15
18
21
24
27
30
Ta = 25˚C
IF = 10mA
VCC = 24V
RG =47Ω
Added resistance=0
Ω
0.5k
Ω
1k
Ω
1.5k
Ω
PC928
Anode
Cathode
VCC
O1
O2
C
FS
GND
RG
RC
VO2
CP
CG
VCC
VC
Application Circuit (IGBT Drive for Inverter)
Operations of Shortcircuit Protector Circuit
Anode
TTL, microcomputer, etc.
Photodiode
Amp.
Constant voltage circuit
Interface
PC928
IGBT protector circuit
GND
VCC
O1
O2
C
FS
GND
Feedback to primary side
Cathode
Anode
VCC
RG
RC
CP
VEE
IGBT
1
2
3
8
9
10
11
12
13
14
Anode
Cathode
TTL, microcomputer, etc.
VCC
O1
O2
C
FS
GND
RG
RC
+
CP
IGBT
U
( + )
( - )
Anode
Feedback to primary side
+
VCC1= 12V
V
W
VCC2= 12V
Light emitting diode
Fig. 24 Overcurrent Detecting Voltage
vs. Supply Voltage
Overcurrent Detecting Voltage -
Supply Voltage Characteristics Test Circuit
Supply voltage Vcc (V)
IF
V
V
CG = 3 000pF
FS = OPEN
RC =1k Ω
CP = 1 000pF
1. Detection of increase in VCE(sat) of IGBT due to overcurrent by means of C-terminal (
terminal)
2. Reduction of the IGBT gate voltage, and suppression of the collector current
3. Simultaneous issue of signals to indicate the shortcircuit condition (FS signal) from FS terminal to the microcomputer
4. Judgement and processing by the microcomputer
In the case of instantaneous shortcircuit, run continues.
At fault, input to the photocoupler is cut off, and IGBT is turned OFF.
s
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com