Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9739ABBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 28Page - Analog Devices AD9739ABBCZ Datasheet HTML 29Page - Analog Devices AD9739ABBCZ Datasheet HTML 30Page - Analog Devices AD9739ABBCZ Datasheet HTML 31Page - Analog Devices AD9739ABBCZ Datasheet HTML 32Page - Analog Devices AD9739ABBCZ Datasheet HTML 33Page - Analog Devices AD9739ABBCZ Datasheet HTML 34Page - Analog Devices AD9739ABBCZ Datasheet HTML 35Page - Analog Devices AD9739ABBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 32 of 64
fDAC = 2.4 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 300kHz
SPAN 53.84MHz
SWEEP 174.6ms (601pts)
CENTER 2.807GHz
#RES BW 30kHz
RMS RESULTS
CARRIER POWER
–24.4dBm/
3.84MHz
FREQ
OFFSET
(MHz)
5
10
15
20
25
REF
BW
(MHz)
3.84
3.84
3.84
3.84
3.84
(dBc)
–64.90
–66.27
–68.44
–70.20
–70.85
(dBm)
–89.30
–90.67
–92.84
–94.60
–95.25
LOWER
(dBc)
–63.82
–65.70
–66.55
–68.95
–70.45
(dBm)
–88.22
–90.10
–90.95
–93.35
–94.85
UPPER
Figure 113. Typical Single-Carrier WCDMA ACLR Performance at 2.8 GHz,
fDAC = 2457.6 MSPS (Third Nyquist Zone)
VBW 300kHz
SPAN 63.84MHz
SWEEP 207ms (601pts)
CENTER 2.09758GHz
#RES BW 30kHz
RMS RESULTS
CARRIER POWER
–25.53dBm/
3.84MHz
FREQ
OFFSET
(MHz)
5
10
15
20
25
30
REF
BW
(MHz)
3.84
3.84
3.84
3.84
3.84
3.84
(dBc)
0.22
–66.68
–68.01
–68.61
–68.87
–69.21
(dBm)
–25.31
–92.21
–93.53
–94.14
–94.40
–94.74
LOWER
(dBc)
0.24
0.14
–66.82
–67.83
–67.64
–68.50
(dBm)
–25.29
–25.38
–92.35
–93.36
–93.17
–94.03
UPPER
Figure 114. Typical Four-Carrier WCDMA ACLR Performance at 2.1 GHz,
fDAC = 2457.6 MSPS (Second Nyquist Zone)
VBW 300kHz
SPAN 63.84MHz
SWEEP 207ms (601pts)
CENTER 2.81271GHz
#RES BW 30kHz
RMS RESULTS
CARRIER POWER
–27.98dBm/
3.84MHz
FREQ
OFFSET
(MHz)
5
10
15
20
25
30
REF
BW
(MHz)
3.84
3.84
3.84
3.84
3.84
3.84
(dBc)
–0.42
–64.32
–66.03
–66.27
–66.82
–67.16
(dBm)
–28.40
–92.30
–94.01
–94.24
–94.79
–95.13
LOWER
(dBc)
–0.10
–0.08
–65.37
–66.06
–63.36
–66.54
(dBm)
–28.07
–28.06
–93.34
–94.03
–93.34
–94.51
UPPER
Figure 115. Typical Four-Carrier WCDMA ACLR Performance at 2.8 GHz,
fDAC = 2457.6 MSPS (Third Nyquist Zone)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com