Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9739ABBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 25Page - Analog Devices AD9739ABBCZ Datasheet HTML 26Page - Analog Devices AD9739ABBCZ Datasheet HTML 27Page - Analog Devices AD9739ABBCZ Datasheet HTML 28Page - Analog Devices AD9739ABBCZ Datasheet HTML 29Page - Analog Devices AD9739ABBCZ Datasheet HTML 30Page - Analog Devices AD9739ABBCZ Datasheet HTML 31Page - Analog Devices AD9739ABBCZ Datasheet HTML 32Page - Analog Devices AD9739ABBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 29 of 64
fDAC = 2 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
–3dBFS
0dBFS
fOUT (MHz)
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
900
1000
–6dBFS
Figure 95. SFDR vs. fOUT over Digital Full Scale
fOUT (MHz)
30
0
100
200
300
400
500
600
700
800
900
1000
40
50
60
70
80
90
0dBFS
–3dBFS
–6dBFS
Figure 96. SFDR for Second Harmonic over fOUT vs. Digital Full Scale
fOUT (MHz)
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
900
1000
10mA FS
20mA FS
30mA FS
Figure 97. SFDR vs. fOUT over DAC IOUTFS
fOUT (MHz)
30
40
50
60
70
80
90
100
110
0
100
200
300
400
500
600
700
800
900
1000
0dBFS
–6dBFS
–3dBFS
Figure 98. IMD vs. fOUT over Digital Full Scale
fOUT (MHz)
30
0
100
200
300
400
500
600
700
800
900
1000
40
50
60
70
80
90
–6dBFS
–3dBFS
0dBFS
Figure 99. SFDR for Third Harmonic over fOUT vs. Digital Full Scale
fOUT (MHz)
30
40
50
60
70
80
90
100
110
0
100
200
300
400
500
600
700
800
900
1000
10mA FS
20mA FS
30mA FS
Figure 100. IMD vs. fOUT over DAC IOUTFS
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com