Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9739ABBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 21Page - Analog Devices AD9739ABBCZ Datasheet HTML 22Page - Analog Devices AD9739ABBCZ Datasheet HTML 23Page - Analog Devices AD9739ABBCZ Datasheet HTML 24Page - Analog Devices AD9739ABBCZ Datasheet HTML 25Page - Analog Devices AD9739ABBCZ Datasheet HTML 26Page - Analog Devices AD9739ABBCZ Datasheet HTML 27Page - Analog Devices AD9739ABBCZ Datasheet HTML 28Page - Analog Devices AD9739ABBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 25 of 64
64- AND 128-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–33.680dBm
–46.450dB
–56.577dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–33.679dBm
–46.452dB
–56.577dB
f
f
f
1
1
1
1
2
3
X
N
Δ1
Δ1
MODE
MKR
SCL
TRC
448.05MHz
165.30MHz
372.40MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
2
Δ1
3
Δ1
1
Figure 72. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–34.413dBm
–56.033dB
–36.289dBm
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
Y
–34.413dBm
–56.033dB
–36.289dBm
f
f
f
1
1
1
1
2
3
X
N
Δ1
N
MODE
MKR
SCL
TRC
599.10MHz
–292.60MHz
978.15MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
2
Δ1
3
Figure 73. High Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–35.909dBm
–53.920dB
–38.646dBm
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
Y
–34.909dBm
–53.920dB
–38.646dBm
f
f
f
1
1
1
1
2
3
X
N
Δ1
N
MODE
MKR
SCL
TRC
69.95MHz
855.00MHz
831.85MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
2
Δ1
3
Figure 74. 128-Carrier Low Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 448MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–59.56
–60.04
–58.69
–59.04
–58.86
dBm
–92.93
–93.41
–92.06
–92.40
–92.23
LOWER
dBc
–11.02
–0.337
0.050
0.064
0.099
dBm
–44.39
–33.74
–33.32
–33.30
–33.27
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–33.368dBm/6MHz
ACP-IBW
0.1dBc
0.1dBc
0.0dBc
–0.4dBc
–33.4dBm
–60.0dBc
–58.7dBc
–58.9dBc
–59.0dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 75. 64-Carrier Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 600MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.06
–0.380
–0.004
–0.012
0.043
dBm
–44.91
–34.23
–33.85
–33.86
–33.81
LOWER
dBc
–58.63
–59.29
–58.37
–57.84
–58.04
dBm
–92.48
–93.14
–92.22
–91.69
–91.89
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–33.849dBm/6MHz
ACP-IBW
–58.0dBc
–57.8dBc
–58.4dBc
–59.3dBc
–33.8dBm
––0.4dBc
0.0dBc
0.0dBc
0.0dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 76. 64-Carrier High Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 832MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–59.28
–54.33
–53.36
–53.35
–53.07
dBm
–97.73
–92.79
–91.82
–91.81
–91.53
LOWER
dBc
–11.07
–0.210
0.353
0.253
0.292
dBm
–49.53
–38.67
–38.10
–38.20
–38.16
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–38.456dBm/6MHz
ACP-IBW
0.3dBc
0.3dBc
0.4dBc
–0.2dBc
–38.5dBm
–54.3dBc
–53.4dBc
–53.1dBc
–53.3dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 77. 128-Carrier Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com