Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9739ABBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 24Page - Analog Devices AD9739ABBCZ Datasheet HTML 25Page - Analog Devices AD9739ABBCZ Datasheet HTML 26Page - Analog Devices AD9739ABBCZ Datasheet HTML 27Page - Analog Devices AD9739ABBCZ Datasheet HTML 28Page - Analog Devices AD9739ABBCZ Datasheet HTML 29Page - Analog Devices AD9739ABBCZ Datasheet HTML 30Page - Analog Devices AD9739ABBCZ Datasheet HTML 31Page - Analog Devices AD9739ABBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 28 of 64
AC (NORMAL MODE)
IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 10kHz
STOP 2.4GHz
START 20MHz
Figure 89. Single-Tone Spectrum at fOUT = 91 MHz, fDAC = 2.4 GSPS
fOUT (MHz)
30
35
40
45
50
55
60
65
70
75
80
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
1.6GSPS
1.2GSPS
2.4GSPS
2.0GSPS
Figure 90. SFDR vs. fOUT over fDAC
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
1.2GSPS
2.4GSPS
fOUT (MHz)
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
Figure 91. Single-Tone NSD vs. fOUT
VBW 10kHz
STOP 2.4GHz
START 20MHz
Figure 92. Single-Tone Spectrum at fOUT = 1091 MHz, fDAC = 2.4 GSPS
fOUT (MHz)
30
0
100 200 300 400 500 600 700 800 900 1000
35
40
45
50
55
60
65
70
75
80
85
90
95
100
1100 1200
1.2GSPS
1.6GSPS
2.0GSPS
2.4GSPS
Figure 93. IMD vs. fOUT over fDAC
fOUT (MHz)
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
–170
–169
–168
–167
–166
–165
–164
–163
–162
–161
–160
2.4GSPS
1.2GSPS
Figure 94. Eight-Tone NSD vs. fOUT
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com