Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9739ABBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 50Page - Analog Devices AD9739ABBCZ Datasheet HTML 51Page - Analog Devices AD9739ABBCZ Datasheet HTML 52Page - Analog Devices AD9739ABBCZ Datasheet HTML 53Page - Analog Devices AD9739ABBCZ Datasheet HTML 54Page - Analog Devices AD9739ABBCZ Datasheet HTML 55Page - Analog Devices AD9739ABBCZ Datasheet HTML 56Page - Analog Devices AD9739ABBCZ Datasheet HTML 57Page - Analog Devices AD9739ABBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 54 of 64
For applications that do not have polling capabilities, the Mu
controller state machine should be reconfigured to restart the
search, such that lock can be re-attempted with system conditions
that may have changed and be different, and thus may enable
the controller to lock.
After the Mu delay value is found that exactly matches the desired
Mu phase setting and slope (for example, 6 with a negative slope),
the Mu controller goes into track mode. In this mode, the Mu
controller makes slight adjustments to the delay value to track any
variations between the two clock paths due to temperature, time,
and supply variations. Two status bits, MU_LKD (Register 0x2A,
Bit 0) and MU_LST (Register 0x2A, Bit 1) are available to the
user to signal the existing status control loop. If the current
phase is more than four steps away from the desired phase, the
MU_LKD bit is cleared, and if the lock acquired was previously
set, the MU_LST bit is set. Should the phase deviation return to
within three steps, the MU_LKD bit is set again while the MU_LST
is cleared. Note that this sort of event may occur if the main
clock input (that is, DACCLK) is disrupted or the Mu controller
exceeds the tapped delay line range (that is, <0 or >432).
If lock is lost, the Mu controller has the option of remaining in
the tracking loop or resetting and starting the search again via
the CONTRST bit (Register 0x29, Bit 5). Continued tracking is
the preferred state because it is the least disruptive to a system
in which the AD9737A/AD9739A temporarily loses lock. The
user can poll the Mu delay and phase value by first setting the
read bit high (Register 0x26, Bit 3). After the read bit is set, the
MUDEL[8:0] bits and the SET_PHS[4:0] bits (Register 0x27
and Register 0x28) that the controller is currently using can be
read.
INTERRUPT REQUESTS
The AD9737A/AD9739A can provide the host processor with
an interrupt request output signal (IRQ) that indicates that one
or more of the AD9737A/AD9739A internal controllers have
achieved lock or lost lock. These controllers include the Mu, data
receiver, and synchronization controllers. The host can then
poll the IRQ status register (Register 0x04) to determine which
controller has lost lock. The IRQ output signal is an active high
output signal available on Pin F13. If used, its output should be
connected via a 10 kΩ pull-up resistor to VDD33.
Each IRQ is enabled by setting the enable bits in Register 0x03,
which purposely has the same bit mapping as the IRQ status bits in
Register 0x04. Note that these IRQ status bits are set only when
the controller transitions from a false to true state. Hence, it is
possible for the x_LCK_IRQ and x_LST_IRQ status bits to be set
when a controller temporarily loses lock but is able to reestablish
lock before the IRQ is serviced by the host. In this case, the host
should validate the present status of the suspect controller by
reading back its current status bits, which are available in
Register 0x21 and/or Register 0x2A. Based on the status of these
bits, the host can take appropriate action, if required, to
reestablish lock. To clear an IRQ after servicing, it is necessary
to reset relevant bits in Register 0x03 by writing 0 followed by
another write of 1 to reenable. A detailed diagram of the
interrupt circuitry is shown in Figure 168.
INT(n)
Q
D
INT
SOURCE
SPI ISR
READ DATA
(PIN F13)
SPI WRITE
INT
SOURCE
SPI ADDRESS
DATA = 1
IMR
SCLK
SPI
DATA
Figure 168. Interrupt Request Circuitry
It is also possible to use the IRQ during the AD9737A/AD9739A
initialization phase after power-up to determine when the Mu
and data receiver controllers have achieved lock. For example,
before enabling the Mu controller, the MU_LCK_EN bit can be set
and the IRQ output signal monitored to determine when lock has
been established before continuing in a similar manner with the
data receiver controllers. Note that the relevant LCK bit should
be cleared before continuing to the next controller. After all
controllers are locked, the lost lock enable bits (that is,
x_LST_EN) should be set.
Table 28. Interrupt Request Registers
Address (Hex)
Bit
Description
0x03
3
MU_LST_EN
2
MU_LCK_EN
1
RCV_LST_EN
0
RCV_LCK_EN
0x04
3
MU_LST_IRQ
2
MU_LCK_IRQ
1
RCV_LST_IRQ
0
RCV_LCK_IRQ
0x21
3
RCVR_TRK_ON
1
RCVR_LST
0
RCVR_LCK
0x2A
1
MU_LST
0
MU_LKD
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com