Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4621ML Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 2Page - STMicroelectronics TS4621ML Datasheet HTML 3Page - STMicroelectronics TS4621ML Datasheet HTML 4Page - STMicroelectronics TS4621ML Datasheet HTML 5Page - STMicroelectronics TS4621ML Datasheet HTML 6Page - STMicroelectronics TS4621ML Datasheet HTML 7Page - STMicroelectronics TS4621ML Datasheet HTML 8Page - STMicroelectronics TS4621ML Datasheet HTML 9Page - STMicroelectronics TS4621ML Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Absolute maximum ratings and operating conditions
TS4621ML
6/40
Doc ID 023181 Rev 1
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.3 to 4.8
V
HPVDD
internal step-down DC output voltages
High rail voltage
Low rail voltage
1.9
1.2
V
EN,GAIN
Input voltage low level
0.6 V max
V
EN,GAIN
Input voltage high level
1.3 V min
RL
Load resistor
≥ 16
Ω
CL
Load capacitor
Serial resistor of 12
Ω minimum, RL ≥ 16 Ω
0.8 to 100
nF
Toper
Operating free air temperature range
-40 to +85
°C
Rthja
Flip-chip thermal resistance junction to ambient
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com