Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4621ML Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 5Page - STMicroelectronics TS4621ML Datasheet HTML 6Page - STMicroelectronics TS4621ML Datasheet HTML 7Page - STMicroelectronics TS4621ML Datasheet HTML 8Page - STMicroelectronics TS4621ML Datasheet HTML 9Page - STMicroelectronics TS4621ML Datasheet HTML 10Page - STMicroelectronics TS4621ML Datasheet HTML 11Page - STMicroelectronics TS4621ML Datasheet HTML 12Page - STMicroelectronics TS4621ML Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
TS4621ML
Electrical characteristics
Doc ID 023181 Rev 1
9/40
3
Electrical characteristics
The values given in the following table are for the conditions VCC = +3.6 V, AGND = 0 V,
GAIN = 0 dB, RL= 32 Ω + 15 Ω, Tamb = 25° C, unless otherwise specified.
Table 5.
Electrical characteristics of the amplifier
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Quiescent supply current, no input signal, both channels
enabled
1.2
1.5
mA
Is
Supply current, with input modulation, both channels enabled,
HPVDD = 1.2 V, output power per channel, F= 1 kHz
Pout = 100 µW at 3 dB crest factor
Pout = 500 µW at 3 dB crest factor
Pout = 1mW at 3dB crest factor
Pout = 100 µW at 10 dB crest factor
Pout = 500 µW at 10 dB crest factor
Pout = 1 mW at 10 dB crest factor
2.3
3.7
4.7
2.1
3.1
3.9
3.5
5
6.5
mA
ISTBY
Standby current, no input signal, VEN = 0 V, VGAIN=0V
0.6
5
µA
Vin
Input differential voltage range(1)
1Vrms
Voo
Output offset voltage
No input signal
-500
+500
µV
Vout
Maximum output voltage, in-phase signals
RL = 16 Ω, THD+N = 1% max, f = 1 kHz
RL = 47 Ω, THD+N = 1% max, f = 1 kHz
RL = 10 kΩ, Rs = 15 Ω, CL = 1 nF, THD+N = 1% max,
f = 1 kHz
0.6
1.0
1.0
0.8
1.1
1.3
Vrms
THD+N
Total harmonic distortion + noise, G = 0 dB
Vout = 700 mVrms, F = 1 kHz
Vout = 700 mVrms, 20 Hz < F < 20 kHz
0.006
0.05
0.02
%
PSRR
Power supply rejection ratio(1), Vripple = 200 mVpp, grounded
inputs
F = 217 Hz, G = 0 dB, RL ≥16 Ω
F = 10 kHz, G = 0 dB, RL ≥16 Ω
90
100
70
dB
CMRR
Common mode rejection ratio
F = 1 kHz
, G = 0 dB, Vic = 200 mVpp
F = 20 Hz to 20 kHz
, G = 0 dB, Vic = 200 mVpp
65
45
dB
Crosstalk
Channel separation
RL = 32 Ω + 15 Ω , G = 0 dB, F = 1 kHz, Po = 10 mW
60
100
dB
SNR
Signal-to-noise ratio, A-weighted, Vout = 1 Vrms, THD+N < 1%,
F = 1 kHz(1)
G = +0 dB
100
dB
ONoise
Output noise voltage, A-weighted (1)
G = +0 dB
9µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com