Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4621ML Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 6Page - STMicroelectronics TS4621ML Datasheet HTML 7Page - STMicroelectronics TS4621ML Datasheet HTML 8Page - STMicroelectronics TS4621ML Datasheet HTML 9Page - STMicroelectronics TS4621ML Datasheet HTML 10Page - STMicroelectronics TS4621ML Datasheet HTML 11Page - STMicroelectronics TS4621ML Datasheet HTML 12Page - STMicroelectronics TS4621ML Datasheet HTML 13Page - STMicroelectronics TS4621ML Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Electrical characteristics
TS4621ML
10/40
Doc ID 023181 Rev 1
AV
Closed loop voltage gain, GAIN=L
0
dB
Closed loop voltage gain, GAIN=H
6
dB
ΔAV
Gain matching between left and right channels
-0.5
+0.5
dB
Rindiff
Differential input impedance at 6 dB
24
33.2
k
Ω
VIL
Low level input voltage on EN, GAIN pins
0.6
V
VIH
High level input voltage on EN, GAIN pins
1.3
V
Iin
Input current on EN,GAIN
10
µA
1.
Guaranteed by design and parameter correlation.
Table 5.
Electrical characteristics of the amplifier (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com