Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4621ML Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 4Page - STMicroelectronics TS4621ML Datasheet HTML 5Page - STMicroelectronics TS4621ML Datasheet HTML 6Page - STMicroelectronics TS4621ML Datasheet HTML 7Page - STMicroelectronics TS4621ML Datasheet HTML 8Page - STMicroelectronics TS4621ML Datasheet HTML 9Page - STMicroelectronics TS4621ML Datasheet HTML 10Page - STMicroelectronics TS4621ML Datasheet HTML 11Page - STMicroelectronics TS4621ML Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Typical application schematic
TS4621ML
8/40
Doc ID 023181 Rev 1
Table 4.
TS4621ML component description
Component(1)
Value
Description
Cs
2.2 µF
Decoupling capacitors for VCC. A 2.2 µF capacitor is sufficient for proper
decoupling of the TS4621ML. An X5R dielectric and 10 V rating voltage is
recommended to minimize
ΔC/ΔV when VCC =4.8 V.
Must be placed as close as possible to the TS4621ML to minimize parasitic
inductance and resistance.
C12
2.2 µF
Capacitor for internal negative power supply operation. An X5R dielectric
and 6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Must be placed as close as possible to the TS4621ML to minimize parasitic
inductance and resistance.
CSS
2.2 µF
Filtering capacitor for internal negative power supply. An X5R dielectric and
6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Cin
Input coupling capacitor that forms with Rin ≈ Rindiff/2 a first-order high-pass
filter with a -3 dB cut-off frequency Fc.
Cout
0.8 to 100 nF
Output capacitor of 0.8 nF minimum to 100 nF maximum. This capacitor is
mandatory for operation of the TS4621ML.
Rout
12
Ω min.
Output resistor in-series with the TS4621ML output. This 12
Ω minimum
resistor is mandatory for operation of the TS4621ML.
L1
3.3 µH
Inductor for internal DC/DC step-down converter.
References of inductors: refer to Section 4.3.1 for more information.
Ct
10 µF
Tank capacitor for internal DC/DC step-down converter. An X5R dielectric
and 6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V. Refer to Section 4.3.2 for more information.
1.
Refer to Section 4.3 for a complete description of each component.
Cin
1
2
π Rin Fc
×
×
×
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com