Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4621ML Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 1 Page - STMicroelectronics

  TS4621ML Datasheet HTML 1Page - STMicroelectronics TS4621ML Datasheet HTML 2Page - STMicroelectronics TS4621ML Datasheet HTML 3Page - STMicroelectronics TS4621ML Datasheet HTML 4Page - STMicroelectronics TS4621ML Datasheet HTML 5Page - STMicroelectronics TS4621ML Datasheet HTML 6Page - STMicroelectronics TS4621ML Datasheet HTML 7Page - STMicroelectronics TS4621ML Datasheet HTML 8Page - STMicroelectronics TS4621ML Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
May 2012
Doc ID 023181 Rev 1
1/40
40
TS4621ML
High-performance class-G stereo headphone amplifier
Datasheet
production data
Features
Power supply range: 2.3 V to 4.8 V
0.6 mA/channel quiescent current
2.1 mA current consumption with
100 µW/channel (10 dB crest factor)
0.006% typical THD+N at 1 kHz
100 dB typical PSRR at 217 Hz
100 dB of SNR A-weighted at G = 0 dB
Zero "pop and click"
Gain settings : 0 dB and 6 dB
Integrated high efficiency step-down converter
Low standby current: 5 µA max
Output-coupling capacitors removed
Thermal shutdown
Flip-chip package: 1.65 mm x 1.65 mm,
400 µm pitch, 16 bumps
Applications
Cellular phones, smartphones
Mobile internet devices
PMP/MP3 players
Portable CD/DVD players
Description
The TS4621ML is a class-G stereo headphone
driver dedicated to high-performance audio, high-
power efficiency and space-constrained
applications.
It is based on the core technology of a low power
dissipation amplifier combined with a high-
efficiency step-down DC/DC converter for
supplying this amplifier.
When powered by a battery, the internal step-
down DC/DC converter generates the appropriate
voltage to the amplifier depending on the
amplitude of the audio signal to supply the
headsets. It achieves a total 2.1 mA current
consumption at 100 µW output power (10 dB
crest factor).
THD+N is 0.02 % maximum at 1 kHz and PSRR
is 100 dB at 217 Hz, which ensures a high audio
quality of the device in a wide range of
environments.
The traditionally bulky output coupling capacitors
can be removed.
A dedicated common-mode sense pin removes
parasitic ground noise.
The TS4621ML is designed to be used with an
output serial resistor. It ensures unconditional
stability over a wide range of capacitive loads.
The TS4621ML is packaged in a tiny 16-bump
flip-chip package with a pitch of 400 µm.
TS4621MLEIJT - flip-chip
Balls are underneath
Pinout (top view)
TOP VIEW
AVDD
SW
INL-
C1
CMS
EN
AGND
C2
HPVDD
VOUTL
VOUTR
INL+
INR+
PVSS
GAIN
INR-
432
1
A
B
C
D
www.st.com


Similar Part No. - TS4621ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621BEIJT STMICROELECTRONICS-TS4621BEIJT Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621EIJT STMICROELECTRONICS-TS4621EIJT Datasheet
1Mb / 32P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
More results

Similar Description - TS4621ML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9010 WOLFSON-WM9010 Datasheet
278Kb / 12P
Low Power, Class G Stereo Headphone Driver
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
20mW Class G Headphone Amplifier
Rev 0; 2/10
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
High-performance class-G stereo headphone amplifier
06-Mar-2014
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
logo
Shenzhen Huazhimei Semi...
HM4410T HMSEMI-HM4410T Datasheet
3Mb / 14P
130mW non-output capacito stereo class G headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com