Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8523 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8523 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
4
PIN CONFIGURATION
4
5
6
MCLK
SDOUT/DEEMPH
SDA/AIFMODE0
3
2
1
18
BCLK
LRCLK
DACDAT
NC
17
LINEVOUTL
16
LINEVOUTR
15
NC
14
AVDD
13
AVDD
24
23
22
21
20
19
7
8
9
10
11
12
20-LEAD TSSOP
24-LEAD QFN (TOP VIEW)
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8523GEDT
−40°C to +85°C
20-lead TSSOP
(pb-free)
MSL1
260oC
WM8523GEDT/R
−40°C to +85°C
20-lead TSSOP
(pb-free, tape and reel)
MSL1
260oC
WM8523GEFL/V
−40°C to +85°C
24-lead QFN
(pb-free)
MSL3
260oC
WM8523GEFL/RV
−40°C to +85°C
24-lead QFN
(pb-free, tape and reel)
MSL3
260oC
Note:
TSSOP Reel quantity = 2000
QFN Reel quantity = 3500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com