Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8523 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8523 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
w
WM8523
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, August 2011, Rev 4.1
Copyright
©2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8523 is a stereo DAC with integral charge pump
and software control interface. This provides 2Vrms line
driver outputs using a single 3.3V power supply rail.
The device features ground-referenced outputs and the use
of a DC servo to eliminate the need for line driving coupling
capacitors and effectively eliminate power on pops and
clicks.
The device is controlled and configured either via the
I2C/SPI compliant serial control interface or a hardware
control interface.
The device supports all common audio sampling rates
between 8kHz and 192kHz using all common MCLK fs
rates.
Master and Slave modes are available and de-
emphasis is also supported.
The WM8523 has a 3.3V tolerant digital interface, allowing
logic up to 3.3V to be connected.
The device is available in a 20-lead TSSOP or 24-lead
QFN.
FEATURES
•
High performance stereo DAC with ground referenced line
driver
•
Audio Performance
−
106dB SNR (‘A-weighted’)
−
-89dB THD @ -1dBFS
•
Digital Volume control ranging from -100dB to +12dB
•
120dB mute attenuation
•
All common sample rates from 8kHz to 192kHz supported
•
I2C/SPI compatible and hardware control modes
•
Data formats: LJ, RJ, I2S, DSP
•
De-emphasis supported
•
Maximum 1mV DC offset on Line Outputs
•
Pop/Click suppressed Power Up/Down Sequencer
•
AVDD and LINEVDD +3.3V ±10% allowing single supply
•
20-lead TSSOP or 24-lead QFN packages
•
Operating temperature range: -40°C to 85°C
APPLICATIONS
•
Consumer digital audio applications requiring 2Vrms output
−
Set Top Box
−
Digital TV
−
DVD Players
−
Games Consoles
−
A/V Receivers


Similar Part No. - WM8523

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8523 CIRRUS-WM8523 Datasheet
579Kb / 46P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
More results

Similar Description - WM8523

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8533 WOLFSON-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8524 WOLFSON-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM1824 WOLFSON-WM1824 Datasheet
330Kb / 24P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Cirrus Logic
WM1824 CIRRUS-WM1824 Datasheet
321Kb / 23P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8523 CIRRUS-WM8523 Datasheet
579Kb / 46P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8533 CIRRUS-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com